Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9220 Datasheet(PDF) 102 Page - Microchip Technology

Part # LAN9220
Description  16-bit Non-PCI Small Form Factor 10/100 Ethernet Controller with Variable Voltage I/O & HP Auto-MDIX Support
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9220 Datasheet(HTML) 102 Page - Microchip Technology

Back Button LAN9220 Datasheet HTML 98Page - Microchip Technology LAN9220 Datasheet HTML 99Page - Microchip Technology LAN9220 Datasheet HTML 100Page - Microchip Technology LAN9220 Datasheet HTML 101Page - Microchip Technology LAN9220 Datasheet HTML 102Page - Microchip Technology LAN9220 Datasheet HTML 103Page - Microchip Technology LAN9220 Datasheet HTML 104Page - Microchip Technology LAN9220 Datasheet HTML 105Page - Microchip Technology LAN9220 Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 142 page
background image
LAN9220
DS00002417A-page 102
 2006-2017 Microchip Technology Inc.
5.4.11
WUFF—WAKE-UP FRAME FILTER
This register is used to configure the wake up frame filter.
5.4.12
WUCSR—WAKE-UP CONTROL AND STATUS REGISTER
This register contains data pertaining to the MAC’s remote wake-up status and capabilities.
Offset:
B
Attribute:
WO
Default Value:
00000000h
Size:
32 bits
Bits
Description
31-0
Wake-Up Frame Filter (WFF). Wake-Up Frame Filter (WFF). The Wake-up frame filter is configured
through this register using an indexing mechanism. After hardware reset, or soft reset, the MAC loads
the first value written to this location to the first DWORD in the Wake-up frame filter (filter 0 byte
mask). The second value written to this location is loaded to the second DWORD in the wake-up
frame filter (filter 1 byte mask) and so on. Once all eight DWORDs have been written, the internal
pointer will once again point to the first entry and the filter entries can be modified in the same manner.
Note:
This is a write-only register.
Offset:
C
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
Bits
Description
31-10
Reserved
9
Global Unicast Enable (GUE). When set, the MAC wakes up from power-saving mode on receipt of
a global unicast frame. A global unicast frame has the MAC Address [0] bit set to 0.
8-7
Reserved
6
Remote Wake-Up Frame Received (WUFR). The MAC, upon receiving a valid Remote Wake-up
frame, sets this bit.
5
Magic Packet Received (MPR). The MAC, upon receiving a valid Magic Packet, sets this bit.
4-3
Reserved
2
Wake-Up Frame enabled (WUEN). When set, Remote Wake-Up mode is enabled and the MAC is
capable of detecting wake-up frames as programmed in the wake-up frame filter.
1
Magic Packet Enable (MPEN). When set, Magic Packet Wake-up mode is enabled.
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com