Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 44 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 40Page - STMicroelectronics BLUENRG-2 Datasheet HTML 41Page - STMicroelectronics BLUENRG-2 Datasheet HTML 42Page - STMicroelectronics BLUENRG-2 Datasheet HTML 43Page - STMicroelectronics BLUENRG-2 Datasheet HTML 44Page - STMicroelectronics BLUENRG-2 Datasheet HTML 45Page - STMicroelectronics BLUENRG-2 Datasheet HTML 46Page - STMicroelectronics BLUENRG-2 Datasheet HTML 47Page - STMicroelectronics BLUENRG-2 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 190 page
background image
Functional details
BlueNRG-2
44/190
DocID030675 Rev 2
Source
port
width
Destination
port width
Number of
data items
to transfer
(NDT)
Source
content:
address/data
Transfer operations
Destination
content:
address/data
@0x8 /
BBBAB9B8
3: READ
BBBAB9B8[31:0]
@0x8 then WRITE
B5B4[15:0] @0x4
@0x4 / B9B8
@0xC /
BFBEBDBC
4: READ
BFBEBDBC[31:0]
@0xC then WRITE
B7B6[15:0] @0x6
@0x6 / BDBC
32
32
4
@0x0 /
B3B2B1B0
1: READ
B3B2B1B0[31:0]
@0x0 then WRITE
0000B1B0[31:0]
@0x0
@0x0 /
B3B2B1B0
@0x4 /
B7B6B5B4
2: READ
B7B6B5B4[31:0]
@0x4 then WRITE
0000B3B2[31:0]
@0x4
@0x4 /
B7B6B5B4
@0x8 /
BBBAB9B8
3: READ
BBBAB9B8[31:0]
@0x8 then WRITE
0000B5B4[31:0]
@0x8
@0x8 /
BBBAB9B8
@0xC /
BFBEBDBC
4: READ
BFBEBDBC[31:0]
@0xC then WRITE
0000B7B6[31:0]
@0xC
@0xC /
BFBEBDBC
The DMA is addressed through AHB and can be accessed only with 32-bit access. Any 8-
bit or 16-bit access will generate a hard fault.
When the DMA initiates an AHB byte or halfword write operation, the data are duplicated
on the unused lanes of the HWDATA[31:0] bus. So when the used AHB slave peripheral
does not support byte or halfword write operations (when HSIZE is not used by the
peripheral) and does not generate any error, the DMA writes the 32 HWDATA bits as
shown in the two examples below:
To
write the halfword “0xABCD”, the DMA sets the HWDATA bus to “0xABCDABCD”
with HSIZE = HalfWord
To write the byte “0xAB”, the DMA sets the HWDATA bus to “0xABABABAB” with
HSIZE = Byte
Assuming that the AHB/APB bridge is an AHB 32-bit slave peripheral that does not take the
HSIZE data into account, it will transform any AHB byte or halfword operation into a 32-bit
APB operation in the following manner:
an AHB byte write operation of the data “0xB0” to 0x0 (or to 0x1, 0x2 or 0x3) will be
converted to an APB wo
rd write operation of the data “0xB0B0B0B0” to 0x0
an AHB half-
word write operation of the data “0xB1B0” to 0x0 (or to 0x2) will be
converted to an APB word write operation of the data “0xB1B0B1B0” to 0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com