Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 39 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 35Page - STMicroelectronics BLUENRG-2 Datasheet HTML 36Page - STMicroelectronics BLUENRG-2 Datasheet HTML 37Page - STMicroelectronics BLUENRG-2 Datasheet HTML 38Page - STMicroelectronics BLUENRG-2 Datasheet HTML 39Page - STMicroelectronics BLUENRG-2 Datasheet HTML 40Page - STMicroelectronics BLUENRG-2 Datasheet HTML 41Page - STMicroelectronics BLUENRG-2 Datasheet HTML 42Page - STMicroelectronics BLUENRG-2 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
39/190
Table 39: ADC - THRESHOLD_HI register description: address offset ADC_BASE_ADDR+0x24
Bit
Field name
Reset
RW
Description
31:0
THRESHOLD_HI
0xFFFFFFFF
RW
High threshold for window comparator.
Table 40: ADC - THRESHOLD_LO register description: address offset
ADC_BASE_ADDR+0x28
Bit
Field name
Reset
RW
Description
31:0
THRESHOLD_LO
0x00000000
RW
Low threshold for window comparator.
3.7
DMA
3.7.1
Introduction
The BlueNRG-2 device embeds a DMA allowing various combination of data transfer
between the memory and the peripherals without CPU intervention.
Main features are:
Eight independently configurable channels connected to dedicated hardware DMA
requests; software trigger is also supported.
Priorities between requests from channels of the DMA are software programmable
(four levels consisting of very high, high, medium, low). When two channels with same
software priority need attention, channel with lower hardware index will take priority.
Independent source and destination transfer size (byte, half word, word), emulating
packing and unpacking.
Support for circular buffer management.
Event flags (DMA half transfer, DMA transfer complete), logically ORed together in a
single interrupt request for each channel.
Memory-to-memory transfer (RAM only), peripheral-to-memory and memory-to-
peripheral, and peripheral-to-peripheral transfers.
Programmable number of data to be transferred up to 65536 bytes.
3.7.2
Functional overview
The DMA controller performs direct memory transfer by sharing the system bus with the
other masters of the device. The DMA request may stop the CPU access to the system bus
for some bus cycles, when the CPU and DMA are targeting the same destination (memory
or peripheral). The bus matrix implements round-robin scheduling, thus ensuring at least
half of the system bus bandwidth (both to memory and peripheral) for the CPU.
3.7.2.1
DMA transactions
After an event, the peripheral sends a request signal to the DMA controller. The DMA
controller serves the request depending on the channel priorities. As soon as the DMA
controller accesses the peripheral, the DMA controller sends an acknowledge to the
peripheral. The peripheral releases its request as soon as it gets the acknowledge from the
DMA controller. Once the request is deasserted by the peripheral, the DMA controller
releases the acknowledge. If there are more requests, the peripheral can initiate the next
transaction.
In summary, each DMA transfer consists of three operations:
The loading of data from the peripheral data register or a location in memory
addressed through an internal current peripheral/memory address register. The start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com