Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 77 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 73Page - STMicroelectronics BLUENRG-2 Datasheet HTML 74Page - STMicroelectronics BLUENRG-2 Datasheet HTML 75Page - STMicroelectronics BLUENRG-2 Datasheet HTML 76Page - STMicroelectronics BLUENRG-2 Datasheet HTML 77Page - STMicroelectronics BLUENRG-2 Datasheet HTML 78Page - STMicroelectronics BLUENRG-2 Datasheet HTML 79Page - STMicroelectronics BLUENRG-2 Datasheet HTML 80Page - STMicroelectronics BLUENRG-2 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
77/190
Address
offset
Name
RW
Reset
Description
0x04
ECR
W
0x00000000
Error Clear Register. A write to this register clears
the framing (FE), parity (PE), break (BE), and
overrun (OE) errors.
0x0C
TIMEOUT
RW
0x000001FF
Timeout Register. Refer to the detailed description
below.
0x18
FR
R
0x00001E90
Flag Register. Refer to the detailed description
below.
0x1C
LCRH_RX
RW
0x00000000
Receive Line Control Register. Refer to the detailed
description below.
0x24
IBRD
RW
0x00000000
Integer Baud Rate Register. Refer to the detailed
description below.
0x28
FBRD
RW
0x00000000
Fractional Baud Rate Register. Refer to the detailed
description below.
0x2C
LCRH_TX
RW
0x00000000
Transmit Line Control Register. Refer to the
detailed description below.
0x30
CR
RW
0x00040300
Control Register. Refer to the detailed description
below.
0x34
IFLS
RW
0x00000012
Interrupt FIFO level select register. Refer to the
detailed description below.
0x38
IMSC
RW
0x00000000
Interrupt Mask Set/Clear Register. Refer to the
detailed description below.
0x3C
RIS
R
0x00000000
Raw Interrupt Status Register. Refer to the detailed
description below.
0x40
MIS
R
0x00000000
Masked Interrupt Status Register. Refer to the
detailed description below.
0x44
ICR
W
0x00000000
Interrupt Clear Register. Refer to the detailed
description below.
0x48
DMACR
RW
0x00000000
DMA control register. Refer to the detailed
description below.
0x50
XFCR
RW
0x00000000
XON/XOFF Control Register. Refer to the detailed
description below.
0x54
XON1
RW
0x00000000
Register used to store the Xon1 character used for
software flow control. Refer to the detailed
description below.
0x58
XON2
RW
0x00000000
Register used to store the Xon2 character used for
software flow control. Refer to the detailed
description below.
0x5C
XOFF1
RW
0x00000000
Register used to store the Xoff1 character used for
software flow control. Refer to the detailed
description below.
0x60
XOFF2
RW
0x00000000
Register used to store the Xoff2 character used for
software flow control. Refer to the detailed
description below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com