Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 78 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 74Page - STMicroelectronics BLUENRG-2 Datasheet HTML 75Page - STMicroelectronics BLUENRG-2 Datasheet HTML 76Page - STMicroelectronics BLUENRG-2 Datasheet HTML 77Page - STMicroelectronics BLUENRG-2 Datasheet HTML 78Page - STMicroelectronics BLUENRG-2 Datasheet HTML 79Page - STMicroelectronics BLUENRG-2 Datasheet HTML 80Page - STMicroelectronics BLUENRG-2 Datasheet HTML 81Page - STMicroelectronics BLUENRG-2 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 190 page
background image
Functional details
BlueNRG-2
78/190
DocID030675 Rev 2
Table 78: UART - DR register description: address offset UART_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
7:0
DATA
0x0
RW
UART data register:
Receive: read data character.
Transmit: write data character.
8
FE
0x0
R
Frame error. This bit is set to 1 if the received character did
not have a valid stop bit. In FIFO mode, this error is
associated with the character at the top of the FIFO.
9
PE
0x0
R
Parity error. This bit is set to 1 if the parity of the received data
character does not match the parity selected as defined by
bits 2 and 7 of the LCRH_RX register. In FIFO mode, this
error is associated with the character at the top of the FIFO.
10
BE
0x0
R
Break error. This bit is set to 1 if a break condition was
detected, indicating that the received data input was held low
for longer than a full-word transmission time (defined as start,
data, parity and stop bits). In FIFO mode, this error is
associated with the character at the top of the FIFO. When a
break occurs, only one 0 character is loaded into the FIFO.
The next character is only enabled after the receive data input
goes to HIGH (marking state), and the next valid start bit is
received
11
OE
0x0
R
Overrun error. This bit is set to 1 if data is received and the
receive FIFO is already full. This is cleared to 0b once there is
an empty space in the FIFO and a new character can be
written to it. The FIFO content remains valid since no further
data is written when the FIFO is full, only the content of the
shift register is overwritten.
31:12
RESERVED
0x0
R
RESERVED
Table 79: UART - RSR register description: address offset UART_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
0
FE
0x0
R
Frame error. This bit is set to 1 if the received character did not
have a valid stop bit (a valid stop bit is 1).This bit is cleared to
0b after a write to ECR. In FIFO mode, this error is associated
with the character at the top of the FIFO.
1
PE
0x0
R
Parity error. This bit is set to 1 if the parity of the received data
character does not match the parity selected as defined by bits
2 and 7 of the LCRH_RX register.This bit is cleared to 0b after
a write to ECR. In FIFO mode, this error is associated with the
character at the top of the FIFO.
2
BE
0x0
R
Break error. This bit is set to 1 if a break condition was
detected, indicating that the received data input was held low
for longer than a full-word transmission time (defined as start,
data, parity and stop bits). This bit is cleared to 0b after a write
to ECR. In FIFO mode, this error is associated with the
character at the top of the FIFO. When a break occurs, only
one 0 character is loaded into the FIFO. The next character is
only enabled after the receive data input goes to HIGH
(marking state), and the next valid start bit is received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com