Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 30 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 26Page - STMicroelectronics BLUENRG-2 Datasheet HTML 27Page - STMicroelectronics BLUENRG-2 Datasheet HTML 28Page - STMicroelectronics BLUENRG-2 Datasheet HTML 29Page - STMicroelectronics BLUENRG-2 Datasheet HTML 30Page - STMicroelectronics BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics BLUENRG-2 Datasheet HTML 32Page - STMicroelectronics BLUENRG-2 Datasheet HTML 33Page - STMicroelectronics BLUENRG-2 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 190 page
background image
Functional details
BlueNRG-2
30/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
10
WKP2_BLUE
0x0
R
Wakeup coms from the timer 2 expiration
in the wakeup control block of the BLE
radio
31:11
RESERVED
0x0
R
RESERVED
Table 23: CKGEN_BLE - CLK32K_COUNT register description: address offset
CKGEN_BLE_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
8:0
SLOW_COUNT
0xF
RW
Program the window length (in slow clock
period unit) for slow clock measurement
31:9
RESERVED
0x0
R
RESERVED
Table 24: CKGEN_BLE - CLK32K_PERIOD register description: address offset
CKGEN_BLE_BASE_ADDR+0x10
Bit
Field name
Reset
RW
Description
18:0
SLOW_PERIOD
0x0
R
Indicates slow clock period information.
The result provided in this field
corresponds to the length of
SLOW_COUNT periods of the slow clock
(32 kHz) measured in 16 MHz half-period
unit. The measurement is done
automatically each time the device enters
in active2 mode using SLOW_COUNT =
16. A new calculation can be launched by
writing zero in CLK32K_PERIOD register.
In this case, the time window uses the
value programmed in SLOW_COUNT
field.
31:19
RESERVED
0x0
R
RESERVED
Table 25: CKGEN_BLE - CLK32K_FREQ register description: address offset
CKGEN_BLE_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
26:0
SLOW_FREQ
0x0
R
Value equal to 239 / SLOW_PERIOD
31:27
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com