Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 88 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 84Page - STMicroelectronics BLUENRG-2 Datasheet HTML 85Page - STMicroelectronics BLUENRG-2 Datasheet HTML 86Page - STMicroelectronics BLUENRG-2 Datasheet HTML 87Page - STMicroelectronics BLUENRG-2 Datasheet HTML 88Page - STMicroelectronics BLUENRG-2 Datasheet HTML 89Page - STMicroelectronics BLUENRG-2 Datasheet HTML 90Page - STMicroelectronics BLUENRG-2 Datasheet HTML 91Page - STMicroelectronics BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 190 page
background image
Functional details
BlueNRG-2
88/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
31:13
RESERVED
0x0
R
RESERVED
Table 92: UART - DMACR register description: address offset UART_BASE_ADDR+0x48
Bit
Field name
Reset
RW
Description
0
RXDMAE
0x0
RW
Receive DMA enable bit.
0: DMA mode is disabled for reception.
1: DMA mode is enabled for reception.
1
TXDMAE
0x0
RW
Transmit DMA enable bit.
0: DMA mode is disabled for transmit.
1: DMA mode is enabled for transmit.
2
RESERVED
0x0
R
RESERVED
3
DMAONERR
0x0
RW
DMA on error.
0: UART error interrupt status has no impact in receive DMA
mode.
1: DMA receive requests are disabled when the UART error
interrupt is asserted.
31:4
RESERVED
0x0
R
RESERVED
Table 93: UART - XFCR register description: address offset UART_BASE_ADDR+0x50
Bit
Field name
Reset
RW
Description
0
SFEN
0x0
RW
Software flow control enable.
0: Software flow control disable.
1: software flow control enable.
2:1
SFRMOD
0x0
RW
Software receive flow control mode:
00b: Receive flow control is disabled.
01b: Xon1, Xoff1 characters are used in receiving software flow
control.
10b: Xon2, Xoff2 characters are used in receiving software flow
control.
11b: Xon1 and Xon2, Xoff1 and Xoff2 characters are used in
receiving software flow control.
4:3
SFTMOD
0x0
RW
Software transmit flow control mode:
00b: Transmit flow control is disabled.
01b: Xon1, Xoff1 characters are used in transmitting software
flow control.
10b: Xon2, Xoff2 characters are used in transmitting software
flow control.
11b: Xon1 and Xon2, Xoff1 and Xoff2 characters are used in
transmitting software flow control.
5
XONANY
0x0
RW
Xon-any bit:
0: Incoming character must match Xon programmed value(s) to
be a valid Xon.
1: Any incoming character is considered as a valid Xon.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com