Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 66 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 62Page - STMicroelectronics BLUENRG-2 Datasheet HTML 63Page - STMicroelectronics BLUENRG-2 Datasheet HTML 64Page - STMicroelectronics BLUENRG-2 Datasheet HTML 65Page - STMicroelectronics BLUENRG-2 Datasheet HTML 66Page - STMicroelectronics BLUENRG-2 Datasheet HTML 67Page - STMicroelectronics BLUENRG-2 Datasheet HTML 68Page - STMicroelectronics BLUENRG-2 Datasheet HTML 69Page - STMicroelectronics BLUENRG-2 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 190 page
background image
Functional details
BlueNRG-2
66/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
0
RORIM
0x0
RW
Receive overrun interrupt mask:
0: RX FIFO written to while full condition interrupt is masked (irq
disabled).
1: RX FIFO written to while full condition interrupt is not masked
(irq enabled).
1
RTIM
0x0
RW
Receive timeout interrupt mask:
0: RX FIFO not empty or no read prior to the timeout period
interrupt is masked (irq disabled).
1: RX FIFO not empty or no read prior to the timeout period
interrupt is not masked (irq enabled).
2
RXIM
0x0
RW
Receive FIFO interrupt mask:
0: Receive interrupt is masked (irq disabled).
1: Receive interrupt is not masked (irq enabled).
3
TXIM
0x0
RW
Transmit FIFO interrupt mask:
0: Transmit interrupt is masked (irq disabled).
1: Transmit interrupt is not masked (irq enabled).
4
TURIM
0x0
RW
Transmit underrun interrupt mask:
0: Transmit underrun interrupt is masked (irq disabled).
1: Transmit underrun interrupt is not masked (irq enabled).
5
TEIM
0x0
RW
Transmit FIFO empty interrupt mask:
0: TX FIFO empty interrupt is masked (irq disabled).
1: TX FIFO empty interrupt is not masked (irq enabled).
31:6
RESERVED
0x0
R
RESERVED
Table 62: SPI - RIS register description: address offset SPI_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
0
RORRIS
0x0
R
Receive overrun raw interrupt status
1
RTRIS
0x0
R
Receive time out raw interrupt status
2
RXRIS
0x0
R
Receive raw interrupt status
3
TXRIS
0x0
R
Transmit raw interrupt status
4
TURRIS
0x0
R
Transmit underrun raw interrupt Status
5
TERIS
0x0
R
Transmit FIFO Empty Raw Interrupt Status
31:6
RESERVED
0x0
R
RESERVED
Table 63: SPI - MIS register description: address offset SPI_BASE_ADDR+0x1C
Bit
Field name
Reset
RW
Description
0
RORMIS
0x0
R
Receive Overrun Masked Interrupt Status: gives the interrupt
status after masking of the receive overrun interrupt.
1
RTMIS
0x0
R
Receive Time Out Masked Interrupt Status: gives the interrupt
status after masking of receive timeout interrupt.
2
RXMIS
0x0
R
Receive Masked Interrupt Status: gives the interrupt status after
masking of the receive interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com