Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 64 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 60Page - STMicroelectronics BLUENRG-2 Datasheet HTML 61Page - STMicroelectronics BLUENRG-2 Datasheet HTML 62Page - STMicroelectronics BLUENRG-2 Datasheet HTML 63Page - STMicroelectronics BLUENRG-2 Datasheet HTML 64Page - STMicroelectronics BLUENRG-2 Datasheet HTML 65Page - STMicroelectronics BLUENRG-2 Datasheet HTML 66Page - STMicroelectronics BLUENRG-2 Datasheet HTML 67Page - STMicroelectronics BLUENRG-2 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 190 page
background image
Functional details
BlueNRG-2
64/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
3
SOD
0x0
RW
Slave mode output disable (slave mode only).
0: SPI can drive the MISO signal in slave mode.
1: SPI must not drive the MISO signal in slave mode.
In multiple slave system, it is possible for a SPI master to
broadcast a message to all slaves in the system while
ensuring only one slave drives data onto the serial output line
MISO.
5:4
RENDN
0x0
RW
Receive endian format.
00b: The element is received MSByte-first and MSbit-first.
01b: The element is received LSByte-first and MSbit-first.
10b: The element is received MSByte-first and LSbit-first.
11b: The element is received LSByte-first and LSbit-first.
The cases 00b and 11b are set for data frame size from 4 to
32 bits. The cases 01b and 10b are set only for data frame
size 16, 24 and 32 bits.
6
MWAIT
0x0
RW
MicroWire wait state bit enable:
0: No wait state
1: One wait state
9:7
RXIFLSEL
0x0
RW
Receive interrupt FIFO level select. This bit field selects the
trigger points to receive FIFO interrupt:
000b: RX FIFO contains 1 element or more.
001b: RX FIFO contains 4 elements or more.
010b: RX FIFO contains 8 elements or more.
Others: Reserved.
12:10
TXIFLSEL
0x0
RW
Transmit interrupt FIFO level select. This bit field selects the
trigger points to transmit FIFO interrupt:
000b: TX FIFO contains 1 element or more.
001b: TX FIFO contains 4 elements or more.
010b: TX FIFO contains 8 elements or more.
Others: Reserved.
13
RESERVED
0x0
R
RESERVED
17:14
MSPIWAIT
0x0
RW
Motorola SPI Wait mode. This value is used to insert a wait
state between frames.
19:18
TENDN
0x0
RW
Transmit endian format.
00b: The element is transmitted MSByte-first and MSbit-first.
01b: The element is transmitted LSByte-first and MSbit-first.
10b: The element is transmitted MSByte-first and LSbit-first.
11b: The element is transmitted LSByte-first and LSbit-first.
The cases 00b and 11b are set for data frame size from 4 to
32 bits. The cases 01b and 10b are set only for data frame
size 16, 24 and 32 bits.
20
RESERVED
0x0
R
RESERVED
21
DATAINDEL
0x0
RW
Data input delay.
0: No delay is inserted in data input.
1: A delay of 2 clock cycles is inserted in the data input path.
31:22
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com