Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 56 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 52Page - STMicroelectronics BLUENRG-2 Datasheet HTML 53Page - STMicroelectronics BLUENRG-2 Datasheet HTML 54Page - STMicroelectronics BLUENRG-2 Datasheet HTML 55Page - STMicroelectronics BLUENRG-2 Datasheet HTML 56Page - STMicroelectronics BLUENRG-2 Datasheet HTML 57Page - STMicroelectronics BLUENRG-2 Datasheet HTML 58Page - STMicroelectronics BLUENRG-2 Datasheet HTML 59Page - STMicroelectronics BLUENRG-2 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 190 page
background image
Functional details
BlueNRG-2
56/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
31:0
PA
0x0
RW
Base address of the peripheral data register from/to
which the data will be read/written. When PSIZE is 01
(16-bit), the PA[0] bit is ignored. Access is
automatically aligned to a halfword address. When
PSIZE is 10 (32-bit), PA[1:0] are ignored. Access is
automatically aligned to a word address.
Table 50: DMA_CHx - CMAR register description: address offset
DMA_CHX_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
31:0
MA
0x0
RW
Base address of the memory area from/to which the
data will be read/written. When MSIZE is 01 (16-bit),
the MA[0] bit is ignored. Access is automatically
aligned to a halfword address. When MSIZE is 10
(32-bit), MA[1:0] are ignored. Access is automatically
aligned to a word address.
3.8
SPI
3.8.1
Introduction
The BlueNRG-2 integrates a serial peripheral interface compatible with the Motorola and
National Semiconductor Microwire standards.
Main features are:
Maximal supported baud rate is 1 MHz in slave mode and 8 MHz in master mode.
Parallel-to-serial conversion on data written to an internal 32-bit wide, 16-location
deep transmitter FIFO.
Serial-to-parallel conversion on received data, buffering in a 32-bit wide 16-location
deep receive FIFO.
Programmable data frame size from 4-bit to 32-bit.
Programmable clock bit rate and prescaler.
Programmable clock phase and polarity in SPI mode.
Support for Direct Memory Access (DMA).
3.8.2
Functional overview
The SPI performs serial-to-parallel conversion on data received from a peripheral device on
the SPI_IN pin, and parallel-to-serial conversion on data written by CPU for transmission
on the SPI_OUT pin.
The role of the SPI pins are defined by the SPI master or SPI slave role.
Table 51: SPI pin assignments
SPI role
SPI_IN pin
SPI_OUT pin
Master
MISO
MOSI
Slave
MOSI
MISO
The transmit and receive paths are buffered with internal FIFO memories allowing up to 16
x 32-bit values to be stored independently in both transmit and receive modes. FIFOs may



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com