Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 29 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 25Page - STMicroelectronics BLUENRG-2 Datasheet HTML 26Page - STMicroelectronics BLUENRG-2 Datasheet HTML 27Page - STMicroelectronics BLUENRG-2 Datasheet HTML 28Page - STMicroelectronics BLUENRG-2 Datasheet HTML 29Page - STMicroelectronics BLUENRG-2 Datasheet HTML 30Page - STMicroelectronics BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics BLUENRG-2 Datasheet HTML 32Page - STMicroelectronics BLUENRG-2 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
29/190
Only one DMA channel for the ADC should be selected at time. Hardware does
not prevent selecting more than one DMA channel for ADC.
Table 20: CKGEN_SOC - JTAG_IDCODE register description: address offset
CKGEN_SOC_BASE_ADDR+0x28
Bit
Field name
Reset
RW
Description
0
RESERVED
0x1
R
RESERVED
11:1
MANUF_ID
0x020
R
Manufacturer ID
27:12
PART_NUMBER
0x200A
R
Part number
31:28
VERSION_NUM
0x0
R
Version
CKGEN_BLE peripheral base address (CKGEN_BLE_BASE_ADDR) 0x48100000.
Table 21: CKGEN_BLE registers
Address offset
Name
RW
Reset
Description
0x08
REASON_RST
R
0x00000005
Indicates the Reset reason from BLE.
Refer to the detailed description below.
0x0C
CLK32K_COUNT
RW
0x0000000F
Counter of 32 kHz clock. Refer to the
detailed description below.
0x10
CLK32K_PERIOD
R
0x00000000
Period of 32 kHz clock. Refer to the
detailed description below.
0x14
CLK32K_FREQ
R
0x00000000
Measurement of frequency of 32 kHz
clock. Refer to the detailed description
below.
0x18
CLK32K_IT
RW
0x00000000
Interrupt event for 32 kHz clock
measurement. Refer to the detailed
description below.
Table 22: CKGEN_BLE - REASON_RST register description: address offset
CKGEN_BLE_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
0
RESERVED
0x1
R
RESERVED
1
BOR
0x0
R
Reset from BOR
2
POR
0x1
R
Reset from POR
3
WKP_IO9
0x0
R
Wakeup from external IO9
4
WKP_IO10
0x0
R
Wakeup from external IO10
5
WKP_IO11
0x0
R
Wakeup from external IO11
6
WKP_IO12
0x0
R
Wakeup from external IO12
7
WKP_IO13
0x0
R
Wakeup from external IO13
8
WKP_BLUE
0x0
R
Wakeup coms from the timer 1 expiration
in the wakeup control block of the BLE
radio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com