Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 91 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 87Page - STMicroelectronics BLUENRG-2 Datasheet HTML 88Page - STMicroelectronics BLUENRG-2 Datasheet HTML 89Page - STMicroelectronics BLUENRG-2 Datasheet HTML 90Page - STMicroelectronics BLUENRG-2 Datasheet HTML 91Page - STMicroelectronics BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics BLUENRG-2 Datasheet HTML 93Page - STMicroelectronics BLUENRG-2 Datasheet HTML 94Page - STMicroelectronics BLUENRG-2 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
91/190
3.10.2.3
I²C configuration
Following a Reset, the I²C logic is disabled and must be configured when in this state.
The control register (CR) and baud rate register (BRCR) need to be programmed to
configure the following parameters of the peripheral:
Master or slave.
7- or 10-bit addressing mode
Speed mode
Clock rate
If in slave mode, the SCR register has to be programmed with the selected slave
address.
Then, if in master mode, the MCR register is used to define the transaction:
Read or write.
Slave addresses (7- or 10-bit) to communicate with.
Addressing a 7- or 10-bit slave address.
Stop condition, to generate a stop or restart condition at the end of the transaction (for
consecutive transactions).
Transaction length
For a master write, the data to transmit have to be written to the transmit FIFO in
the I2C_TFR register. For a master read, when the master transaction is done,
data are available in the receive FIFO in I2C_RFR.
3.10.2.4
DMA interface
The I²C controller includes a specific DMA interface. The following section describes the
signals interface, data flow and programming model for the RX and the TX paths.
The DMA interfaces are separated for each path and two DMA request channels shall be
used for a device.
In RX mode, a DMA transfer based on a single descriptor shall be used and the DMA RX
channel must be programmed for a peripheral-to-memory transfer where the flow controller
is the DMA. Each descriptor is related to a single I²C transaction (master read or write-to-
slave operation) and no linked list item should be used. The transfer length shall be
programmed on the DMA and the termination of the frame transfer is notified by the
assertion of the related interrupt I2C_RISR:STD or I2C_RISR:MTD bits. In case of read-
from-slave operation, on the DMA (master device) the transfer length shall be programmed
according to the I2C_MCR:LENGTH register field. In case of write-to-slave operation, on
the DMA (slave device) the maximum length (not the real length because it is unknown)
shall be programmed.
In TX mode, a DMA transfer based on a single descriptor shall be used and the DMA TX
channel must be programmed for a memory-to-peripheral transfer where the flow controller
is the DMA. Each descriptor is related to a single I²C transaction (master write or read-
from-slave operation) and no linked list item should be used. The transfer length shall be
programmed on the DMA and the termination of the frame transfer is notified by the
assertion of the related interrupt I2C_RISR:STD or I2C_RISR:MTD bits. In case of write-to-
slave operation, on the DMA (master device) the transfer length shall be programmed
according to the I2C_MCR:LENGTH register field. In case of read-from-slave operation, on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com