Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 33 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 29Page - STMicroelectronics BLUENRG-2 Datasheet HTML 30Page - STMicroelectronics BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics BLUENRG-2 Datasheet HTML 32Page - STMicroelectronics BLUENRG-2 Datasheet HTML 33Page - STMicroelectronics BLUENRG-2 Datasheet HTML 34Page - STMicroelectronics BLUENRG-2 Datasheet HTML 35Page - STMicroelectronics BLUENRG-2 Datasheet HTML 36Page - STMicroelectronics BLUENRG-2 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
33/190
Table 30: Output data rate with microphone
DIG_FILT_CLK
OSR
Output data rate [Ksample/s]
1 (clock = 0.8 MHz)
0 (200)
4
1 (100)
8
2 (64)
12.5
3 (32)
25
0 (clock = 1.6 MHz)
0 (200)
8
1 (100)
16
2 (64)
25
3 (32)
50
3.6.2.1
ADC start conversion
The ADC both analog and digital sub-system are switched on by setting ADCON and
SWSTART.
The conversion operation consists of four phases.
1.
The wake-up phase lasts 5 us, is present at the beginning of a single acquisition, with
the goal to let the analog system to settle before to start the acquisition.
2.
If the CALEN is set, a calibration phase is performed. It permits to compensate the
offset in the analog part. The conversion status is tracked by SR status register. At the
beginning of the conversion the BUSY bit is set and masks any attempt to change
CONF, up to the end of the conversion. At end of this conversion, the ENDCAL flag is
generated and the OFFSET register is written with the converted offset voltage.
3.
The acquisition phase is regulated by a timeout depending on the resolution. In this
phase, digital filter chain processes the data coming from ADC.
4.
The elaboration phase is at the end of the timeout, the data obtained at the output of
the digital filter is written in the DATA register. If the calibration is on, the output of the
digital filter is de-embedded considering the content of the OFFSET register.
Furthermore, the ADCEOC flag is generated to warn about the end of conversion. If
ENAB_COMP bit is set, the WDOG flag is generated to warn that the result of the
conversion is between a high THRESHOLD_HI and low threshold THRESHOLD_LO.
It is always advisable to set the register field CALEN in order to perform automatic
calibration for each measurement.
3.6.2.2
ADC offset
The ADC can automatically correct the offset error.
To enable the automatic offset correction the CALEN and the OFFSET_UPDATE must be
set. The result of the last calibration is stored in the OFFSET register.
The correction of the offset can be also done manually, for example by making a
conversion of the internal channel InP = InN = 0.6 V and after that, writing the result of
conversion in the OFFSET register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com