Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 58 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 54Page - STMicroelectronics BLUENRG-2 Datasheet HTML 55Page - STMicroelectronics BLUENRG-2 Datasheet HTML 56Page - STMicroelectronics BLUENRG-2 Datasheet HTML 57Page - STMicroelectronics BLUENRG-2 Datasheet HTML 58Page - STMicroelectronics BLUENRG-2 Datasheet HTML 59Page - STMicroelectronics BLUENRG-2 Datasheet HTML 60Page - STMicroelectronics BLUENRG-2 Datasheet HTML 61Page - STMicroelectronics BLUENRG-2 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 190 page
background image
Functional details
BlueNRG-2
58/190
DocID030675 Rev 2
3.8.2.3
SPI bit rate generation
The SPI bitrate is derived by dividing down the peripheral clock (CLK) by an even prescaler
value CPSDVSR from 2 to 254, the clock is further divided by a value from 1 to 256, which
is 1+SCR. The SPI frequency clock duty cycle is always 0.5.
3.8.2.4
SPI data endianness
All transfers can be sent and received with configurable endianness according the setting
of the (T/R)ENDN bit in the CR1 registers
The cases "00b" and "11b" of TENDN and RENDN are implemented for data frame size
from 4- to 32-bit. The cases "01b" and "10b" of TENDN and RENDN are implemented only
for the following data frame sizes: 16-bit, 24-bit and 32-bit. Transmit data endianness:
TENDN in CR1:
Table 53: SPI_OUT endianness
TENDN
Endianness
00b
The element is transmitted MSByte-first and MSbit-first.
01b
The element is transmitted LSByte-first and MSbit-first.
10b
The element is transmitted MSByte-first and LSbit-first.
11b
The element is transmitted LSByte-first and LSbit-first.
Table 54: SPI_IN endianness
RENDN
Endianness
00b
The element is received MSByte-first and MSbit-first.
01b
The element is received LSByte-first and MSbit-first.
10b
The element is received MSByte-first and LSbit-first.
11b
The element is received LSByte-first and LSbit-first.
3.8.2.5
SPI interrupts
There are six individual maskable interrupt sources generated by the SPI (single interrupt
signal that drives the NVIC):
Receive interrupt
Transmit interrupt
Timeout interrupt
Receive overrun interrupt
Transmit underrun interrupt
Transmit empty interrupt
The user can enable or disable the individual interrupt sources by changing the mask bits
in the IMSC register. Setting the appropriate mask bit to 1b enables the interrupt. The
status of the individual interrupt sources can be read from the RIS register (raw interrupt
status) or from the MIS register (masked interrupt status).
3.8.2.6
Receive interrupt
The receive interrupt is asserted when the number of data in receive FIFO reaches the
programmed trigger watermark level. The receive interrupt is cleared by reading data from
the receive FIFO until there are less data than the programmed watermark level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com