Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 21 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 17Page - STMicroelectronics BLUENRG-2 Datasheet HTML 18Page - STMicroelectronics BLUENRG-2 Datasheet HTML 19Page - STMicroelectronics BLUENRG-2 Datasheet HTML 20Page - STMicroelectronics BLUENRG-2 Datasheet HTML 21Page - STMicroelectronics BLUENRG-2 Datasheet HTML 22Page - STMicroelectronics BLUENRG-2 Datasheet HTML 23Page - STMicroelectronics BLUENRG-2 Datasheet HTML 24Page - STMicroelectronics BLUENRG-2 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
21/190
Table 9: SYSTEM_CTRL
– SLEEPIO_OUT register description: address offset
SYSTEM_CTRL_BASE_ADDR+0x10
Bit
Field name
Reset
RW
Description
4:0
SLEEPIO_OUT
0x00
RW
Writing to a bit will drive the written value
on the corresponding IO when it is
configured in output direction in
SLEEPIO_OEN register. Reading a bit in
this register returns the last written value.
One bit by IO: - Bit0: IO9 - Bit1: IO10 -
Bit2: IO11
31:5
RESERVED
0x00
R
RESERVED
Table 10: SYSTEM_CTRL - SLEEPIO_DS register description: address offset
SYSTEM_CTRL_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
4:0
SLEEPIO_DS
0x00
RW
Configure the drive strength. 0: low drive
strength. 1: high drive strength. One bit
by IO: - Bit0: IO9 - Bit1: IO10 - Bit2: IO11
31:5
RESERVED
0x00
R
RESERVED
Table 11: SYSTEM_CTRL - SLEEPIO_PE register description: address offset
SYSTEM_CTRL_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
4:0
SLEEPIO_PE
0x00
RW
Configure the pullability. 0: pull disabled.
1: pull enabled. One bit by IO: - Bit0: IO9
- Bit1: IO10 - Bit2: IO11
31:5
RESERVED
0x00
R
RESERVED
AHBUPCONV peripheral base address (AHBUPCONV_BASE_ADDR) 0x40C00000.
Table 12: AHBUPCONV registers
Address offset
Name
RW
Reset
Description
0x00
COMMAND
RW
0x00000000
AHB up/down converter command register
BLUE_CTRL peripheral base address (BLUE_CTRL_BASE_ADDR) 0x48000000.
Table 13: BLUE_CTRL registers
Address offset
Name
RW
Reset
Description
0x04
TIMEOUT
RW
0x00000000
Timeout programming register
0x0C
RADIO_CONFIG
RW
0x00000000
Radio configuration register
3.5
Clocks and reset management
The BlueNRG-2 embeds an RC low-speed frequency oscillator at 32 kHz and an RO high-
speed frequency oscillator at 16 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com