Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 95 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 91Page - STMicroelectronics BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics BLUENRG-2 Datasheet HTML 93Page - STMicroelectronics BLUENRG-2 Datasheet HTML 94Page - STMicroelectronics BLUENRG-2 Datasheet HTML 95Page - STMicroelectronics BLUENRG-2 Datasheet HTML 96Page - STMicroelectronics BLUENRG-2 Datasheet HTML 97Page - STMicroelectronics BLUENRG-2 Datasheet HTML 98Page - STMicroelectronics BLUENRG-2 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
95/190
Bit
Field name
Reset
RW
Description
21:15
RESERVED
0x0
R
RESERVED
31:16
SLSU
0xF
RW
Slave data setup time. SLSU defines the data setup time after
SCL clock stretching in terms of i2c_clk cycles. Data setup
time is actually equal to SLSU-1 clock cycles. The typical
values for i2c_clk of 16 MHz are SLSU = 5 in standard mode
and SLSU = 3 in fast modes.
Table 101: I2C2 - MCR register description: address offset I2CX_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
0
OP
0x0
RW
Operation
0: Indicates a master write operation.
1: Indicates a master read operation.
7:1
A7
0x0
RW
Address. Includes the 7-bit address or the LSB bits of the10-
bit address used to initiate the current transaction
10:8
EA10
0x0
RW
Extended address. Includes the extension (MSB bits) of the
field A7 used to initiate the current transaction
11
SB
0x0
RW
Start byte:
0: The start byte procedure is not applied to the current
transaction.
1: The start byte procedure is prefixed to the current
transaction.
13:12
AM
0x0
RW
Address type:
00b: The transaction is initiated by a general call command. In
this case the fields OP, A7, EA10 are "don't care".
01b: The transaction is initiated by the 7-bit address included
in the A7 field.
10b: The transaction is initiated by the 10-bit address included
in the EA10 and A7 fields.
14
P
0x0
RW
Stop condition:
0: The current transaction is not terminated by a STOP
condition. A repeated START condition is generated on the
next operation which is required to avoid to stall the I²C line.
1: The current transaction is terminated by a STOP condition.
25:15
LENGTH
0x0
RW
Transaction length. Defines the length, in terms of the number
of bytes to be transmitted (MW) or received (MR). In case of
write operation, the payload is stored in the Tx FIFO. A
transaction can be larger than the Tx FIFO size. In case of
read operation the length refers to the number of bytes to be
received before generating a not-acknowledge response. A
transaction can be larger than the Rx FIFO size. The I²C clock
line is stretched low until the data in Rx FIFO are consumed.
31:26
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com