Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 37 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 33Page - STMicroelectronics BLUENRG-2 Datasheet HTML 34Page - STMicroelectronics BLUENRG-2 Datasheet HTML 35Page - STMicroelectronics BLUENRG-2 Datasheet HTML 36Page - STMicroelectronics BLUENRG-2 Datasheet HTML 37Page - STMicroelectronics BLUENRG-2 Datasheet HTML 38Page - STMicroelectronics BLUENRG-2 Datasheet HTML 39Page - STMicroelectronics BLUENRG-2 Datasheet HTML 40Page - STMicroelectronics BLUENRG-2 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
37/190
Bit
Field name
Reset
RW
Description
7:6
OSR
0x3
RW
Set the oversampling ratio.
00b: Set the oversampling ratio to 200(1)
01b: Set the oversampling ratio to 100
10b: Set the oversampling ratio to 64
11b: Set the oversampling ratio to 32
9:8
PGASEL
0x3
RW
Set the input attenuator value:
000b: Input attenuator at 0 dB
001b: Input attenuator at 6.02 dB
010b: Input attenuator at 9.54 dB
10
RESERVED
0x1
R
RESERVED
11
CONT
0x1
RW
Enable the continuous conversion mode:
0: Single conversion
1: Continuous conversion
17:12
RESERVED
0x3F
R
RESERVED
18
SKIP
0x1
RW
It permits to bypass the filter comb to speed up the
conversion for signal at low frequency:
0: Filter for comb not bypassed
1: Filter for comb bypassed
19
RESERVED
0x1
R
RESERVED
20
DIG_FILT_CLK
0x1
RW
Frequency clock selection value on GPIO0 when
MIC_SEL=1:
0: 0.8 MHz
1: 1.6 MHz
21
DIS_WKP_WAIT
0x1
RW
Disable the wake-up timer before to start the conversion
from input:
0: Do not disable the wake up time before conversion
1: Disable the wake up time before conversion
22
MIC_SEL
0x1
RW
Provides the clock on GPIO:
0: Do not provided any external clock source
1: Provide clock source from GPIO
31:23
RESERVED
0x1FF
R
RESERVED
Notes:
(1)Best value for sampling DC signals.
Table 34: ADC - IRQSTAT register description: address offset ADC_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
0
ENDCAL
0x0
R
1: when the calibration is completed. Clear on register read.
1
BUSY
0x0
R
1: during conversion. Clear on register read if BUSY condition
no more active.
2
EOC
0x0
R
1: when the conversion is completed. Clear on register read.
3
WDOG
0x0
R
1: when the data is within the thresholds. Clear on register
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com