Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 32 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 28Page - STMicroelectronics BLUENRG-2 Datasheet HTML 29Page - STMicroelectronics BLUENRG-2 Datasheet HTML 30Page - STMicroelectronics BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics BLUENRG-2 Datasheet HTML 32Page - STMicroelectronics BLUENRG-2 Datasheet HTML 33Page - STMicroelectronics BLUENRG-2 Datasheet HTML 34Page - STMicroelectronics BLUENRG-2 Datasheet HTML 35Page - STMicroelectronics BLUENRG-2 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 190 page
background image
Functional details
BlueNRG-2
32/190
DocID030675 Rev 2
Several channels are available for conversion, the CHSEL selects the channel according to
Table 27: "ADC channels".
Table 27: ADC channels
CHSEL
Channels description
0
All switch open. No input
1
Single ended through ADC2 pin. InP = Vbias (internal), InN = ADC2 pin
2
Single ended through ADC1 pin. InP = ADC1 pin, InN = Vbias (internal)
3
Differential ADC1 pin
– ADC2 pin. InP = ADC1 pin, InN = ADC2 pin
4
Temperature sensor. InN=TEMP, InP = 0.6 V (internal)
5
Battery level detector. InN = BLD, InP = 0.6 V (internal)
6
Short. InP = InN = 0.6 V (internal)
The conversion can be single (CONT = 0) or continuous (CONT = 1). In continuous mode,
the conversion runs with a preprogrammed sampling rate, while in single step mode the
ADC performs a conversion and then stops.
The output data rate depends on the setting of OSR according to the following table.
Table 28: ADC data rate
OSR
Output data rate [Ksample/s]
0 (200)
5
1 (100)
10
2 (64)
15.625
3 (32)
31.25
The setting of the oversampling ratio (OSR) must be done according to the frequency of
the input signal (AC), while for DC signals, the best performance is with OSR = 200. In
order to achieve the best performance within the selected input voltage range, the
associated Vbias and attenuation value must be set through the corresponding registers
PGASEL and REFSEL values, as per the following table.
Table 29: ADC parameters settings
Vin range [V]
Vbias [V]
Attenuation [dB]
REFSEL value
PGASEL value
[0, 1.2]
0.6
0
2
0
[0, 2.4]
0.6
6.02
2
1
[0, 3.6]
0.6
9.54
2
2
[0.6, 1.8]
1.2
0
3
0
[1.2, 3.6]
1.2
6.02
3
1
The system can work in conjunction with an external MEMS microphone by setting
MIC_SEL. In this mode, an IO configured as PDM_CLK provides the clock to the external
microphone, while an IO configured as PDM_DATA received the PDM stream from the
external microphone. The external clock is 1.6 MHz (DIG_FILT_CLK = 0) or 0.8 MHz
(DIG_FILT_CLK = 1).
The output data rate changes with the OSR according to Table 30: "Output data rate with
microphone".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com