Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 27 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 23Page - STMicroelectronics BLUENRG-2 Datasheet HTML 24Page - STMicroelectronics BLUENRG-2 Datasheet HTML 25Page - STMicroelectronics BLUENRG-2 Datasheet HTML 26Page - STMicroelectronics BLUENRG-2 Datasheet HTML 27Page - STMicroelectronics BLUENRG-2 Datasheet HTML 28Page - STMicroelectronics BLUENRG-2 Datasheet HTML 29Page - STMicroelectronics BLUENRG-2 Datasheet HTML 30Page - STMicroelectronics BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
27/190
Address offset
Name
RW
Reset
Description
0x20
CLOCK_EN
RW
0x0003FFFF
Enable or gates the APB clock of the
peripherals. Refer to the detailed
description below.
0x24
DMA_CONFIG
RW
0x00000000
DMA config. Refer to the detailed
description below.
0x28
JTAG_IDCODE
R
0x0200A041
BlueNRG-2 JTAG IDCODE.
Table 15: CKGEN_SOC - CONTROL register description: address offset
CKGEN_SOC_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
9:0
RESERVED
0x3F0
R
RESERVED
13:10
UART_CKDIV
0x0
RW
UART baud rate clock setting from 1 to 16
MHz according to the formula 16 / (n + 1)
MHz.
31:14
RESERVED
0x007E8
R
RESERVED
Table 16: CKGEN_SOC - REASON_RST register description: address offset
CKGEN_SOC_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
0
RESERVED
0x0
R
RESERVED
1
SYSREQ
0x0
R
Reset caused by Cortex-M0 debug
asserting SYSRESETREQ
2
WDG
0x0
R
Reset caused by assertion of watchdog
Reset
3
LOCKUP
0x0
R
Reset caused by Cortex-M0 asserting
LOCKUP signal
31:4
RESERVED
0x0
R
RESERVED
Table 17: CKGEN_SOC - DIE_ID register description: address offset
CKGEN_SOC_BASE_ADDR+0x1C
Bit
Field name
Reset
RW
Description
3:0
REV
0x0
R
Cut revision
7:4
VERSION
0x0
R
Cut version
11:8
PRODUCT
0x01
R
Product
31:12
RESERVED
0x0
R
RESERVED
Table 18: CKGEN_SOC - CLOCK_EN register description: address offset
CKGEN_SOC_BASE_ADDR+0x20
Bit
Field name
Reset
RW
Description
0
GPIO
0x1
RW
GPIO clock
1
NVM
0x1
RW
Flash controller clock
2
SYSCTRL
0x1
RW
System controller clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com