Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 57 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 57 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 53Page - STMicroelectronics BLUENRG-2 Datasheet HTML 54Page - STMicroelectronics BLUENRG-2 Datasheet HTML 55Page - STMicroelectronics BLUENRG-2 Datasheet HTML 56Page - STMicroelectronics BLUENRG-2 Datasheet HTML 57Page - STMicroelectronics BLUENRG-2 Datasheet HTML 58Page - STMicroelectronics BLUENRG-2 Datasheet HTML 59Page - STMicroelectronics BLUENRG-2 Datasheet HTML 60Page - STMicroelectronics BLUENRG-2 Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
57/190
be burst-loaded or emptied by the system processor or by the DMA, from one to eight
words per transfer. Each 32-bit word from the system fills one entry in FIFO.
The SPI includes a programmable bitrate clock divider and prescaler to generate the serial
output clock signal from the SPI_CLK pin.
3.8.2.1
SPI clock phase and clock polarity
The SPH control bit selects the clock edge that captures data and allows it to change state.
It has the most impact on the first bit transmitted by either allowing or not allowing a clock
transition before the first data capture edge. The SPO bit selects the clock polarity (low or
high) of the clock signal. SPH in conjunction with the SPO bit allow four possible timing
variations listed in the following table.
Table 52: SPI clock phase and clock polarity
SPH
SPO
Timing description
0b
0b
The clock signal is stopped to low inactive level between transfers. The first rising
edge occurs in the middle of the first data bit (with delay). The SPI transmits data one-
half cycle ahead of the rising edge of clock signal and receives data on the rising edge
of clock signal. In case of multi byte transmission, the CS line must be pulsed HIGH
between each data word transfer.
0b
1b
The clock signal is stopped to high inactive level between transfers. The first falling
edge occurs in the middle of the first data bit (with delay). The SPI transmits data one-
half cycle ahead of the falling edge of clock signal and receives data on the falling
edge of clock signal. In case of multi byte transmission, the CS line must be pulsed
HIGH between each data word transfer.
1b
0b
The clock signal is stopped to low inactive level between transfers. The first rising
edge occurs at the start of the first data bit (no delay). The SPI transmits data on the
rising edge of clock signal and receives data on the failing edge of clock signal.
1b
1b
The clock signal is stopped to high inactive level between transfers. The first falling
edge occurs at the start of the first data bit (no delay). The SPI transmits data on the
falling edge of clock signal and receives data on the rising edge of clock signal.
3.8.2.2
Procedure for enabling SPI
The SPI initialization procedure is the following (assuming clocks already enabled):
1.
Clear the SSE bit in the CR1 register. This step is not required after a hardware or
software Reset of the BlueNRG1.
2.
Empty the receive FIFO. This step is not required after a hardware or software Reset
of the device BlueNRG1.
3.
Program IO_MODE to route SPI port signals on those GPIOs. See Section GPIO
operating modes.
4.
Program the SPI clock prescaler register (CPSR), then program the configuration
registers CR0 and CR1.
5.
The transmit FIFO can optionally be filled before enabling the SPI.
6.
Set the SSE bit to enable SPI operation.
The transmit FIFO and the receive FIFO are not cleared when the SSE bit is
cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com