Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 94 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 90Page - STMicroelectronics BLUENRG-2 Datasheet HTML 91Page - STMicroelectronics BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics BLUENRG-2 Datasheet HTML 93Page - STMicroelectronics BLUENRG-2 Datasheet HTML 94Page - STMicroelectronics BLUENRG-2 Datasheet HTML 95Page - STMicroelectronics BLUENRG-2 Datasheet HTML 96Page - STMicroelectronics BLUENRG-2 Datasheet HTML 97Page - STMicroelectronics BLUENRG-2 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 190 page
background image
Functional details
BlueNRG-2
94/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
8
FRX
0x0
RW
FRX flushes the receive circuitry (FIFO, fsm).The
configuration of the I²C node (register setting) is not affected
by the flushing operation. The flushing operation is
performed on modules working on different clock domains
(system and I²C clocks) and needs several system clock
cycles before to be completed. Upon completion, the I²C
node (internal logic) clears this bit. The application must not
access the Rx FIFO during the flushing operation and should
poll on this bit waiting for the completion.
0: Flush operation is completed (I2C controller clears the bit).
1: Flush operation is started and in progress (set by
application).
9
DMA_TX_EN
0x0
RW
Enables the DMA TX interface.
0: Idle state, the DMA TX interface is disabled.
1: Run state, the DMA TX interface is enabled.
On the completion of the DMA transfer, the DMA TX
interface is automatically turned off clearing this bit when the
end of transfer signal coming from the DMA is raised.
DMA_TX_EN and DMA_RX_EN must not enabled at the
same time.
10
DMA_RX_EN
0x0
RW
Enables the DMA RX interface.
0: Idle state, the DMA RX interface is disabled.
1: Run state, the DMA RX interface is enabled.
On the completion of the DMA transfer, the DMA RX
interface is automatically turned off clearing this bit when the
end of transfer signal coming from the DMA is raised.
DMA_TX_EN and DMA_RX_EN must not enabled at the
same time.
14:12
RESERVED
0x0
R
RESERVED
14:13
FON
0x0
RW
Filtering on sets the digital filters on the SDA, SCL line,
according to the I²C bus requirements, when standard open-
drain pads are used:
00b: No digital filters are inserted.
01b: Digital filters (filter 1 ck wide spikes) are inserted.
10b: Digital filters (filter 2 ck wide spikes) are inserted.
11b: Digital filters (filter 4 ck wide spikes) are inserted.
15
FS_1
0x0
RW
Force stop enable bit. When set to 1b, the STOP condition is
generated.
0: Force stop disabled.
1: Enable force stop.
31:16
RESERVED
0x0
R
RESERVED
Table 100: I2C - SCR register description: address offset I2CX_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
6:0
SA7
0x55
RW
Slave address 7-bit. SA7 includes the slave address 7-bit or
the LSB bits of the slave address 10-bit
9:7
ESA10
0x0
RW
Extended slave address 10-bit. ESA10 includes the extension
(MSB bits) to the SA7 register field in case of slave addressing
mode set to 10-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com