Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 63 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 59Page - STMicroelectronics BLUENRG-2 Datasheet HTML 60Page - STMicroelectronics BLUENRG-2 Datasheet HTML 61Page - STMicroelectronics BLUENRG-2 Datasheet HTML 62Page - STMicroelectronics BLUENRG-2 Datasheet HTML 63Page - STMicroelectronics BLUENRG-2 Datasheet HTML 64Page - STMicroelectronics BLUENRG-2 Datasheet HTML 65Page - STMicroelectronics BLUENRG-2 Datasheet HTML 66Page - STMicroelectronics BLUENRG-2 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
63/190
Bit
Field name
Reset
RW
Description
6
SPO
0x0
RW
Clock polarity (Motorola SPI format only):
0: Steady state of clock polarity is low.
1: Steady state of clock polarity is high.
7
SPH
0x0
RW
Clock phase (Motorola SPI format only):
0: Steady state of clock phase is low.
1: Steady state of clock phase is high.
15:8
SCR
0x0
RW
Serial clock rate.
The SRC value is used to generate the transmit and receive
bit rate of the SPI. The bit rate is: f_SPICLK / (CPSDVR * (1 +
SCR)), where CPSDVR is an even value from 2 to 254 and
SCR is a value from 0 to 255.
20:16
CSS
0X00
RW
Command size select (CSS+1) defines the number of bits for
the command in MicroWire mode only:
0x00: Reserved
0x01: Reserved
0x02: Reserved
0x03: 4-bit data
0x04: 5-bit data
...
0x1F: 32-bit data
21:22
FRF
0x00
RW
Frame format:
0: Motorola SPI frame format
2: National MicroWire frame format
24:23
SPIM
0x0
RW
SPI Master transmission mode (in Motorola SPI master mode
only):
00b: Full duplex mode.
01b: Transmit mode.
10b: Receive mode.
11b: Combined mode.
25
RESERVED
0x0
R
RESERVED
26
CS1
0x1
RW
Chip Selection for slave one
0: the slave 1 is selected.
1: the slave 1 is not selected.
31:27
RESERVED
0x3
R
RESERVED
Table 57: SPI - CR1 register description: address offset SPI_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
0
RESERVED
0x0
R
RESERVED
1
SSE
0x0
RW
SPI enable.
0: SPI disable.
1: SPI enable.
2
MS
0x0
RW
Master or slave mode select.
0: Master mode.
1: Slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com