Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 28 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 24Page - STMicroelectronics BLUENRG-2 Datasheet HTML 25Page - STMicroelectronics BLUENRG-2 Datasheet HTML 26Page - STMicroelectronics BLUENRG-2 Datasheet HTML 27Page - STMicroelectronics BLUENRG-2 Datasheet HTML 28Page - STMicroelectronics BLUENRG-2 Datasheet HTML 29Page - STMicroelectronics BLUENRG-2 Datasheet HTML 30Page - STMicroelectronics BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics BLUENRG-2 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 190 page
background image
Functional details
BlueNRG-2
28/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
3
UART
0x1
RW
UART clock
4
SPI
0x1
RW
SPI clock
6:5
RESERVED
0x3
R
RESERVED
7
WDOG
0x1
RW
Watchdog clock
8
ADC
0x1
RW
ADC clock
9
I2C1
0x1
RW
I2C1 clock
10
I2C2
0x1
RW
I2C2 clock
11
MFT1
0x1
RW
MFT1 clock
12
MFT2
0x1
RW
MFT2 clock
13
RTC
0x1
RW
RTC clock
15:14
RESERVED
0x3
R
RESERVED
16
DMA
0x1
RW
DMA AHB clock
17
RNG
0x1
RW
RNG AHB clock
18
PKA
0x0
RW
PKA AHB clock
19
PKA RAM
0x0
RW
PKA RAM clock
31:20
RESERVED
0x0
R
RESERVED
Table 19: CKGEN_SOC - DMA_CONFIG register description: address offset
CKGEN_SOC_BASE_ADDR+0x24
Bit
Field name
Reset
RW
Description
0
ADC_CH0
0x0
RW
Select ADC on DMA channel 0 instead of
peripheral
1
ADC_CH1
0x0
RW
Select ADC on DMA channel 1 instead of
peripheral
2
ADC_CH2
0x0
RW
Select ADC on DMA channel 2 instead of
peripheral
3
ADC_CH3
0x0
RW
Select ADC on DMA channel 3 instead of
peripheral
4
ADC_CH4
0x0
RW
Select ADC on DMA channel 4 instead of
peripheral
5
ADC_CH5
0x0
RW
Select ADC on DMA channel 5 instead of
peripheral
6
ADC_CH6
0x0
RW
Select ADC on DMA channel 6 instead of
peripheral
7
ADC_CH7
0x0
RW
Select ADC on DMA channel 7 instead of
peripheral
31:8
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com