Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 70 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 66Page - STMicroelectronics BLUENRG-2 Datasheet HTML 67Page - STMicroelectronics BLUENRG-2 Datasheet HTML 68Page - STMicroelectronics BLUENRG-2 Datasheet HTML 69Page - STMicroelectronics BLUENRG-2 Datasheet HTML 70Page - STMicroelectronics BLUENRG-2 Datasheet HTML 71Page - STMicroelectronics BLUENRG-2 Datasheet HTML 72Page - STMicroelectronics BLUENRG-2 Datasheet HTML 73Page - STMicroelectronics BLUENRG-2 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 190 page
background image
Functional details
BlueNRG-2
70/190
DocID030675 Rev 2
Figure 13: UART character frame
The FIFOs can be disabled. In this case, the transmit and receive sides of the UART have
1-byte holding registers (the bottom entry of the FIFOs). The overrun bit is set when a word
has been received, and the previous one was not yet read. In this implementation, the
1-byte register.
3.9.2.2
Baud rate divisor
The baud rate divisor is a 22-bit number consisting of a 16-bit integer (BRDI) and a 6-bit
fractional part (BRDF). The fractional baud rate divider enables the use of any clock to act
as UART_CLK, while it is still possible to generate all the standard baud rates.
The 16-bit integer is loaded through the UART_IBRD register and the 6-bit fractional part is
loaded into the UART_FBRD register. The baud rate divisor has the following relationship:
When bit OVSFACT = 0b: divisor = UARTCLK/(16 x baud rate) = BRDI + BRDF.
When bit OVSFACT = 1b: divisor = UARTCLK/(8 x baud rate) = BRDI + BRDF.
Calculation of the fractional 6-bit number (DIVFRAC) is done by taking the fractional part of
the required baud rate divisor and multiplying it by 64 (that is, 2n, where n is the width of
the UART_FBRD register) and adding 0.5 to account for rounding errors:
DIVFRAC = integer(BRDF * 64 + 0.5)
The maximum deviation error using a 6-bit UART_FBRD register is 1/64 * 100 = 1.56%.
This occurs when DIVFRAC = 1, and the error is cumulative over 64 clock ticks.
Example 1: Calculating the divisor value (with OVSFACT = 0b).
If the required baud rate is 460 800 and the UART clock frequency is 16 MHz then:
Baud rate divisor = (16 x 106) / (16 x 460 800) = 2.170
BRDI = 2 and BRDF = 0.170
Therefore fractional part DIVFRAC = integer(BRDF * 64 + 0.5) = 11
Generated baud rate divider = 2 + (11 / 64) = 2.1718
Generated baud rate = (16 x 106) / (16 x 2.172) = 460 447
Error = (460 800 - 460 405) / 460 800 x 100 = 0.077 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com