Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 25 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 21Page - STMicroelectronics BLUENRG-2 Datasheet HTML 22Page - STMicroelectronics BLUENRG-2 Datasheet HTML 23Page - STMicroelectronics BLUENRG-2 Datasheet HTML 24Page - STMicroelectronics BLUENRG-2 Datasheet HTML 25Page - STMicroelectronics BLUENRG-2 Datasheet HTML 26Page - STMicroelectronics BLUENRG-2 Datasheet HTML 27Page - STMicroelectronics BLUENRG-2 Datasheet HTML 28Page - STMicroelectronics BLUENRG-2 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
25/190
Figure 9: Reset circuit
If the above conditions are not satisfied, ST cannot guarantee the correct operation of the
device.
3.5.1.3
Watchdog reset
The BlueNRG-2 contains a watchdog timer, which may be used to recover from software
crashes. The watchdog contains a 32-bit down counter, which generates an interrupt, if the
interrupt is not serviced, the watchdog will generate a reset. The watchdog Reset resets
the Flash controller, the Cortex-M0 and all its peripherals but it does not reset the debug
circuitry of the Cortex-M0.
3.5.1.4
System reset request
The system reset request is generated by the debug circuitry of the Cortex-M0. The
debugger writes
to the SYSRESETREQ bit of the “Application Interrupt and Reset Control
Register” (AIRCR). This system reset request through AIRCR register can also be done by
embedded software. The system reset request does not affect the debugger, thus allowing
the debugger to remain connected during the reset sequence.
3.5.1.5
Lockup reset
The Cortex-M0 generates an output LOCKUP that indicates that the core is in a deliberate
lock-up state resulting from an unrecoverable exception. The LOCKUP signal is used to
generate a reset in the BlueNRG-2, which affects the Cortex-M0, the Flash controller and
all the peripherals.
The LOCKUP signal does not reset the Cortex-M0 debug circuitry and it is not generated if
a debugger is connected.
3.5.2
Reset and wakeup reason decoding
The BlueNRG-2 provides a set of registers to identify the reason behind a reset and
wakeup generation. Two registers are used: CKGEN_SOC->REASON_RST and
CKGEN_BLE->REASON_RST. The possible reasons are listed below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com