Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 96 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics BLUENRG-2 Datasheet HTML 93Page - STMicroelectronics BLUENRG-2 Datasheet HTML 94Page - STMicroelectronics BLUENRG-2 Datasheet HTML 95Page - STMicroelectronics BLUENRG-2 Datasheet HTML 96Page - STMicroelectronics BLUENRG-2 Datasheet HTML 97Page - STMicroelectronics BLUENRG-2 Datasheet HTML 98Page - STMicroelectronics BLUENRG-2 Datasheet HTML 99Page - STMicroelectronics BLUENRG-2 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 190 page
background image
Functional details
BlueNRG-2
96/190
DocID030675 Rev 2
Table 102: I2C - TFR register description: address offset I2CX_BASE_ADDR+0x10
Bit
Field name
Reset
RW
Description
7:0
TDATA
0x0
RW
Transmission data. TDATA contains the payload related to a
master write or read-from-slave operation to be written in the Tx
FIFO. TDATA(0) is the first LSB bit transmitted over the I²C line.
In case of master write operation, the Tx FIFO shall be
preloaded otherwise the I²C controller cannot start the
operation until data are available.
In case of read-from-slave operation, when the slave is
addressed, the interrupt RISR:RFSR bit is asserted and the
CPU shall download the data in the FIFO. If the FIFO is empty
and the I²C master is still requiring data, a new request
(RISR:RFSE interrupt bit) is asserted to require additional data
to the CPU. The slave controller stretches the I²C clock line
when no data are available for transmission. Since the Tx FIFO
could contain some pending data related to the previous
transfer (the transfer length may be unknown to the slave
controller), the Tx FIFO is self-flushed before asserting the
I2C_RISR:RFSR bit. Upon completion of the read-from-slave
operation the interrupt bit I2C_RISR:STD is asserted and the
related status of the operation is stored in the I2C_SR register.
In CPU mode, the FIFO management shall be based on the
assertion of the interrupt bit RISR:TXFNE, related to the nearly-
empty threshold.
In DMA mode, the single/burst requests are automatically
executed based on the number of entries available in the TX
FIFO and the related destination burst size programmed in the
I2C_DMAR:DBSIZE_TX register field. The DMA requests are
terminated at the end of the I²C read operation
(notacknowledge received by the master) by a dummy last
single/burst request.
31:8
RESERVED
0x0
R
RESERVED
Table 103: I2C - SR register description: address offset I2CX_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
1:0
OP
0x0
R
Operation:
00b: MW: master write operation.
01b: MR: master read operation.
10b: WTS: write-to-slave operation.
11b: RFS: read-from-slave operation.
3:2
STATUS
0x0
R
Controller status. Valid for the operations MW, MR, WTS RFS:
00b: NOP: No operation is in progress.
01b: ON_GOING: An operation is ongoing.
10b: OK: The operation (OP field) has been completed
successfully.
11b: ABORT: The operation (OP field) has been aborted due
to the occurrence of the event described in the CAUSE field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com