Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 8Page - STMicroelectronics BLUENRG-2 Datasheet HTML 9Page - STMicroelectronics BLUENRG-2 Datasheet HTML 10Page - STMicroelectronics BLUENRG-2 Datasheet HTML 11Page - STMicroelectronics BLUENRG-2 Datasheet HTML 12Page - STMicroelectronics BLUENRG-2 Datasheet HTML 13Page - STMicroelectronics BLUENRG-2 Datasheet HTML 14Page - STMicroelectronics BLUENRG-2 Datasheet HTML 15Page - STMicroelectronics BLUENRG-2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 190 page
background image
Description
BlueNRG-2
12/190
DocID030675 Rev 2
Figure 2: BlueNRG-2 bus architecture
A
P
B
A
H
B
AHB-APB
Bridge
SPI
2 x I2C
UART
2 x MFT
WDG
RTC
GPIOs
CM0
FLASH
(256 KB)
RAM
(24 KB)
DMA
2.4 GHz
radio
RNG
ADC
SWD
PKA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com