Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 31 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 27Page - STMicroelectronics BLUENRG-2 Datasheet HTML 28Page - STMicroelectronics BLUENRG-2 Datasheet HTML 29Page - STMicroelectronics BLUENRG-2 Datasheet HTML 30Page - STMicroelectronics BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics BLUENRG-2 Datasheet HTML 32Page - STMicroelectronics BLUENRG-2 Datasheet HTML 33Page - STMicroelectronics BLUENRG-2 Datasheet HTML 34Page - STMicroelectronics BLUENRG-2 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
31/190
Table 26: CKGEN_BLE - CLK32K_IT register description: address offset
CKGEN_BLE_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
0
CLK32K_MEAS_IRQ
0x0
RW
When read, provides the status of the
interrupt indicating slow lock measurement
is finished:
0: No pending interrupt.
1: Pending interrupt.
When written, clears the interrupt:
0: No effect.
1: Clear the interrupt.
31:1
RESERVED
0x0
R
RESERVED
3.6
ADC
3.6.1
Introduction
The BlueNRG-2 integrates a 10-bit Analog-to-Digital Converter (ADC) for sampling an
external signal.
Main features are:
Sampling frequency 1 MHz
One channel in single ended or differential input through the pins ADC1 and ADC2
Temperature and battery level conversion
The conversion are either continuous or single step acquisition
An integrated digital filter is used to process a PDM data stream from a MEMS
microphone
3.6.2
Functional overview
The figure below shows a top diagram of the ADC.
Figure 10: ADC block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com