Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 89 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 89 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 85Page - STMicroelectronics BLUENRG-2 Datasheet HTML 86Page - STMicroelectronics BLUENRG-2 Datasheet HTML 87Page - STMicroelectronics BLUENRG-2 Datasheet HTML 88Page - STMicroelectronics BLUENRG-2 Datasheet HTML 89Page - STMicroelectronics BLUENRG-2 Datasheet HTML 90Page - STMicroelectronics BLUENRG-2 Datasheet HTML 91Page - STMicroelectronics BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics BLUENRG-2 Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
89/190
Bit
Field name
Reset
RW
Description
6
SPECHAR
0x0
RW
Special character detection bit.
0: Special character detection disabled.
1: Special character detection enabled.
31:7
RESERVED
0x0
R
RESERVED
Table 94: UART - XON1 register description: address offset UART_BASE_ADDR+0x54
Bit
Field name
Reset
RW
Description
7:0
XON1
0x0
RW
Value of Xon1 character used in the software flow control
31:8
RESERVED
0x0
R
RESERVED
Table 95: UART - XON2 register description. Address offset UART_BASE_ADDR+0x58.
Bit
Field name
Reset
RW
Description
7:0
XON2
0x0
RW
Value of Xon2 character used in the software flow control
31:8
RESERVED
0x0
R
RESERVED
Table 96: UART - XOFF1 register description. Address offset UART_BASE_ADDR+0x5C.
Bit
Field name
Reset
RW
Description
7:0
XOFF1
0x0
RW
Value of Xoff1 character used in the software flow control
31:8
RESERVED
0x0
R
RESERVED
Table 97: UART - XOFF2 register description. Address offset UART_BASE_ADDR+0x60.
Bit
Field name
Reset
RW
Description
7:0
XOFF2
0x0
RW
Value of Xoff2 character used in the software flow control
31:8
RESERVED
0x0
R
RESERVED
3.10
I²C
3.10.1
Introduction
The BlueNRG-2 integrates two I²C controllers in the QFN32 package (I2C2 and I2C1), and
one in the WCSP34 package (I2C2). The I²C controller interface is designed to support the
physical and data link layer according to I²C standard revision 3.0 and provides a low-cost
interconnection between ICs.
Main features are:
Up to 400 Kb/s in fast mode and up to 100 Kb/s in standard mode.
Operating modes supported are master mode, slave mode, master/slave mode for
multi-master system with bus arbitration.
Programmable 7-bit or 10-bit addressing (also with combined formats).
Programmable start byte procedure.
16-byte depth RX FIFO and 16-byte depth TX FIFO.
Spike digital filtering on the SDA and SCL lines.
Control timing constraint defined by the I²C standard.
Support for Direct Memory Access (DMA).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com