Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 92 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 88Page - STMicroelectronics BLUENRG-2 Datasheet HTML 89Page - STMicroelectronics BLUENRG-2 Datasheet HTML 90Page - STMicroelectronics BLUENRG-2 Datasheet HTML 91Page - STMicroelectronics BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics BLUENRG-2 Datasheet HTML 93Page - STMicroelectronics BLUENRG-2 Datasheet HTML 94Page - STMicroelectronics BLUENRG-2 Datasheet HTML 95Page - STMicroelectronics BLUENRG-2 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 190 page
background image
Functional details
BlueNRG-2
92/190
DocID030675 Rev 2
the DMA (slave device) the maximum length (not the real length because it is unknown)
shall be programmed.
3.10.3
I²C registers
I2C2 peripheral base address (I2C2_BASE_ADDR) 0x40A00000
I2C1 peripheral base address (I2C1_BASE_ADDR) 0x40B00000
Table 98: I2Cx registers
Address
offset
Name
RW
Reset
Description
0x00
CR
RW
0x00000000
I²C control register. Refer to the detailed
description below.
0x04
SCR
RW
0x000F0055
I²C slave control register. Refer to the
detailed description below.
0x0C
MCR
RW
0x00000000
I²C master control register. Refer to the
detailed description below.
0x10
TFR
RW
0x00000000
I²C transmit FIFO register. Refer to the
detailed description below.
0x14
SR
R
0x00000000
I²C status register. Refer to the detailed
description below.
0x18
RFR
R
0x00000000
I²C receive FIFO register. Refer to the
detailed description below.
0x1C
TFTR
RW
0x00000000
I²C transmit FIFO threshold register.
Refer to the detailed description below.
0x20
RFTR
RW
0x00000000
I²C receive FIFO threshold register.
Refer to the detailed description below.
0x24
DMAR
RW
0x00000000
I²C DMA register. Refer to the detailed
description below.
0x28
BRCR
RW
0x00000008
I²C baud-rate counter register. Refer to
the detailed description below.
0x2C
IMSCR
RW
0x00000000
I²C interrupt mask set/clear register.
Refer to the detailed description below.
0x30
RISR
R
0x00000013
I²C raw interrupt status register. Refer to
the detailed description below.
0x34
MISR
R
0x00000000
I²C masked interrupt status register.
Refer to the detailed description below.
0x38
ICR
RW
0x00000000
I²C interrupt clear register. Refer to the
detailed description below.
0x4C
THDDAT
RW
0x00000014
I²C hold time data. Refer to the detailed
description below.
0x50
THDSTA_FST_STD
RW
0x003F00E2
I²C hold time start condition F/S. Refer to
the detailed description below.
0x54
RESERVED
RW
0x00000019
RESERVED
0x58
TSUSTA_FST_STD
RW
0x001D00E2
I²C setup time start condition F/S. Refer
to the detailed description below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com