Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 90 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 86Page - STMicroelectronics BLUENRG-2 Datasheet HTML 87Page - STMicroelectronics BLUENRG-2 Datasheet HTML 88Page - STMicroelectronics BLUENRG-2 Datasheet HTML 89Page - STMicroelectronics BLUENRG-2 Datasheet HTML 90Page - STMicroelectronics BLUENRG-2 Datasheet HTML 91Page - STMicroelectronics BLUENRG-2 Datasheet HTML 92Page - STMicroelectronics BLUENRG-2 Datasheet HTML 93Page - STMicroelectronics BLUENRG-2 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 190 page
background image
Functional details
BlueNRG-2
90/190
DocID030675 Rev 2
3.10.2
Functional description
Two wires, serial data (SDA) and serial clock (SCL) carry information between the devices
connected to the bus. Each device has a unique address and can operate as either a
transmitter or receiver, depending on the function of the device. A master is the device that
initiates a data transfer on the bus and generates the clock signal. Any device addressed is
considered at that time a slave. The I²C bus is a multi-master bus where more than one
device is capable of controlling the bus. This means that more than one master could try to
initiate a data transfer at the same time. The arbitration procedure relies on the wired-AND
connection of all I²C interfaces to the I²C bus. If two or more masters try to put information
onto the bus, the first to produce a ‘one’ when the other produces a ‘zero’ will lose the
arbitration. The clock signals during arbitration are a synchronized combination of the
clocks generated by the masters using the wired-AND connection to the SCL line.
Generation of clock signals on the I²C bus is always the responsibility of master devices;
each master generates its own clock signals when transferring data to the bus. Bus clock
signals from a master can only be altered when they are stretched by a slow slave device
holding down the clock line, or by another master when arbitration occurs.
Two modes:
Standard mode with bit rate up to 100 Kb/s
Fast mode with bit rate up to 400 Kb/s
3.10.2.1
I²C FIFO management
The transmit and receive paths are buffered with internal FIFO memory enabling up to 16
bytes to be stored independently in both transmit and receive modes. The FIFOs status
can be checked using the I²C interrupts. There is a programmable threshold value for each
FIFO. When the number of entries is greater for the receive FIFO or less for the transmit
FIFO, an interrupt is set.
3.10.2.2
I²C clock rate calculation
To define the I²C clock rate generation there is one register to configure: BRCR. The clock
rate can be calculated using this formula:
Where:
fI2C is the I²C peripheral clock, clocked on the system clock divided by 3.
BRCNT2 is a field of the BRCR register.
Foncycle depends on a programmable field of the CR register:
CR: FON = “00” → Filter the clock spike wide = 0 → Foncycle = 1
CR: FON = “01” → Filter the clock spike wide = 1 → Foncycle = 3
CR: FON = “10” → Filter the clock spike wide = 2 → Foncycle = 4
CR: FON = “11” → Filter the clock spike wide = 4 → Foncycle = 6
The minimum input clock frequency for the I²C is:
1.4 MHz if the I²C is in standard mode at 100 kHz.
7.2 MHz if the I²C is in fast mode at 400 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com