Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 73 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 69Page - STMicroelectronics BLUENRG-2 Datasheet HTML 70Page - STMicroelectronics BLUENRG-2 Datasheet HTML 71Page - STMicroelectronics BLUENRG-2 Datasheet HTML 72Page - STMicroelectronics BLUENRG-2 Datasheet HTML 73Page - STMicroelectronics BLUENRG-2 Datasheet HTML 74Page - STMicroelectronics BLUENRG-2 Datasheet HTML 75Page - STMicroelectronics BLUENRG-2 Datasheet HTML 76Page - STMicroelectronics BLUENRG-2 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
73/190
filled up to the watermark level. When the receive FIFO watermark level is reached, the
UART_RTS signal is de-asserted, indicating that there is no more room to receive any
more data. The transmission of data is expected to cease after the current character has
been transmitted. The UART_RTS signal is reasserted when data has been read out of the
receive FIFO so that it is filled to less than the watermark level. If RTS flow control is
disabled and the UART is still enabled, then data is received until the receive FIFO is full,
or no more data is transmitted to it.
If CTS flow control is enabled, then the transmitter checks the UART_CTS signal before
transmitting the next byte. If the UART_CTS signal is asserted, it transmits the byte
otherwise, transmission does not occur. The data continues to be transmitted while
UART_CTS is asserted, and the transmit FIFO is not empty. If the transmit FIFO is empty
and the UART_CTS signal is asserted no data is transmitted. If the UART_CTS signal is
de-asserted and CTS flow control is enabled, then the current character transmission is
completed before stopping. If CTS flow control is disabled and the UART is enabled, then
the data continues to be transmitted until the transmit FIFO is empty.
3.9.2.4
Software flow control
Software flow control is enabled through register UART_XFCR bit SFEN.
Software receive flow control
Once the software receive flow control is enabled, the receiver compares the incoming data
with the programmed Xoff values. Different combinations of software receive flow control,
which can be selected through SFRMOD, where only 1 character match is needed or in
which 2 Xoff characters must be received sequentially.
Table 75: Control bits to enable and program receive software flow control
SFSEN
SFRMOD
Function
0b
xxb
Software flow control disabled.
1b
00b
Software receive flow control disabled.
1b
01b
Use Xon1, Xoff1 for matching.
1b
10b
Use Xon2, Xoff2 for matching.
1b
11b
Use Xon1 & Xon2, Xoff1 & Xoff2 for matching.
If received characters match the programmed Xoff values, the transmission will stop as
soon as the current character is completely transferred. The interrupt bit XOFFRIS in the
raw interrupt register UART_RIS is set. If the corresponding interrupt mask bit is set, the
corresponding bit in the UART_MIS register is set and the UART interrupt pin is asserted.
Following such a transmission suspension, the receiver will monitor incoming characters for
a match with the programmed Xon values. The matching strategy is programmable through
SWRFCPROG in register UART_XFCR. Once a match is found, the receiver clears the
interrupt bit XOFFRIS in the raw interrupt register UART_RIS and the Xoff interrupt is
disabled. The transmission can then resume normally. When the XONANY bit in register
UART_XFCR is set, any incoming character is accepted as a valid Xon condition and the
transmission can then resume. The received character is written into the received FIFO.
If the software flow control is enabled, the received Xon/Xoff characters are never
written into the received FIFO. Exceptions to this occur when the special
character detection feature is enabled (Xoff2 is then written into FIFO upon a
special character match) and when the Xon-any bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com