Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 75 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 75 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 71Page - STMicroelectronics BLUENRG-2 Datasheet HTML 72Page - STMicroelectronics BLUENRG-2 Datasheet HTML 73Page - STMicroelectronics BLUENRG-2 Datasheet HTML 74Page - STMicroelectronics BLUENRG-2 Datasheet HTML 75Page - STMicroelectronics BLUENRG-2 Datasheet HTML 76Page - STMicroelectronics BLUENRG-2 Datasheet HTML 77Page - STMicroelectronics BLUENRG-2 Datasheet HTML 78Page - STMicroelectronics BLUENRG-2 Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
75/190
It is assumed that software flow control is turned off when this feature is used. The
received status (i.e. parity, framing and break error) of special characters does not
have to be valid for these characters to be accepted as valid matches.
3.9.2.5
UART interrupts
There are six individual maskable interrupt sources generated by the UART (single
interrupt signal that drives the NVIC):
TX FIFO empty interrupt
Xoff/ special character interrupt
Receive interrupt
Transmit interrupt
Timeout interrupt
Error interrupt
The user can enable or disable the individual interrupt sources by changing the mask bits
in the UART_IMSC register. Setting the appropriate mask bit to 1b enables the interrupt.
The status of the individual interrupt sources can be read from the UART_RIS register (raw
interrupt status) or from the UART_MIS register (masked interrupt status).
3.9.2.6
TX FIFO empty interrupt
The TX FIFO empty interrupt is asserted whenever the BUSY status bit goes low to
indicate that all DATA has been transmitted. This BUSY bit remains set until the complete
byte, including all the stop bits, has been sent from the shift register. So, the new TX FIFO
empty interrupt will be asserted when the transmit FIFO and the transmit shift register are
empty.
3.9.2.7
Xoff/ special character interrupt
The Xoff/special character interrupt is asserted whenever an Xoff condition is detected by
the receiver (incoming data matches with the programmable Xoff values), or when a
special character detection was performed (incoming data matches with the Xoff2 and
SPECHAR bit set).
3.9.2.8
Receive interrupt
The receive interrupt is asserted HIGH when one of the following conditions occurs:
If the FIFOs are enabled and the number of characters received reaches the
programmed trigger watermark level. The receive interrupt is cleared by reading data
from the receive FIFO until it becomes less than the programmed watermark level, or
by clearing the interrupt by writing a 1b to the corresponding bit in the UART_ICR
register.
If the FIFOs are disabled (have a depth of one location) and there is a data present in
the receiver single location. It is cleared by performing a single read.
3.9.2.9
Transmit interrupt
The transmit interrupt is asserted HIGH when one of the following conditions occurs:
If the FIFOs are enabled and the number of characters in the transmit FIFO is less
than the programmed watermark level. It is cleared by performing writes to the
transmit FIFO until it holds more characters than the programmed watermark level, or
by clearing the interrupt by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com