Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 74 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 70Page - STMicroelectronics BLUENRG-2 Datasheet HTML 71Page - STMicroelectronics BLUENRG-2 Datasheet HTML 72Page - STMicroelectronics BLUENRG-2 Datasheet HTML 73Page - STMicroelectronics BLUENRG-2 Datasheet HTML 74Page - STMicroelectronics BLUENRG-2 Datasheet HTML 75Page - STMicroelectronics BLUENRG-2 Datasheet HTML 76Page - STMicroelectronics BLUENRG-2 Datasheet HTML 77Page - STMicroelectronics BLUENRG-2 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 190 page
background image
Functional details
BlueNRG-2
74/190
DocID030675 Rev 2
The received status (parity, framing and break error) of Xon/Xoff characters does
not have to be valid for these characters to be accepted as valid matches.
When the software transmit flow control is enabled through the SFTMOD bit field in the
UART_XFCR register, the transmitter will automatically insert an Xoff character if the
received FIFO has passed the received trigger level (bit field RXIFLSEL in the UART_IFLS
register). The RTXDIS (remote transmitter disabled) bit in the UART_FR register is set to
signal the remote transfer was stopped. When the receive FIFO falls below the trigger
level, Xon character is automatically inserted in the transmission stream and the RTXDIS
bit in the UART_FR register is cleared.
Table 76: Control bits to enable and program transmit software flow control
SFSEN
SFTMOD
Function
0b
xxb
Software flow control disabled.
1b
00b
Software transmit flow control disabled.
1b
01b
Use Xon1, Xoff1 for matching.
1b
10b
Use Xon2, Xoff2 for matching.
1b
11b
Use Xon1 and Xon2, Xoff1 and Xoff2 for matching.
After an Xoff character has been transmitted, if the software flow controlled is
turned off, a Xon character will automatically be inserted in the transmission
stream and the bit RTXDIS bit in the UART_FR register is cleared.
Transmission of an Xon/Xoff character follows the standard transmission protocol
as programmed in the transmitter registers (word length, parity and so on).
When using the software transmit flow control, there are some cautions to take to
manage the interrupt handler. The software must react on RX interrupt (the flag
will be raised once the RX FIFO contains the RXIFSEL trigger level. Then the
interrupt handler must first poll the UART_FR.RTXDIS bit until it is set to indicate
the Xoff byte transmission is over and only then read the RX FIFO content. Note
that hardware and software flow control cannot be enabled simultaneously.
Software transmit flow control
When the special character detection feature is enabled through the SPECHAR bit in the
UART_XFCR register, the software flow control is turned off and the receiver compares
received characters with the Xoff2 value. When a match is found, the interrupt bit XOFFRIS
in the raw interrupt register UART_RIS is set. If the corresponding interrupt mask bit is set,
the UART interrupt pin is asserted. The transmission is not halted. The special character is
written into the received FIFO. The interrupt bit XOFFIS will be cleared when the
corresponding bit in interrupt clear register is written as 1b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com