Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 76 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 72Page - STMicroelectronics BLUENRG-2 Datasheet HTML 73Page - STMicroelectronics BLUENRG-2 Datasheet HTML 74Page - STMicroelectronics BLUENRG-2 Datasheet HTML 75Page - STMicroelectronics BLUENRG-2 Datasheet HTML 76Page - STMicroelectronics BLUENRG-2 Datasheet HTML 77Page - STMicroelectronics BLUENRG-2 Datasheet HTML 78Page - STMicroelectronics BLUENRG-2 Datasheet HTML 79Page - STMicroelectronics BLUENRG-2 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 190 page
background image
Functional details
BlueNRG-2
76/190
DocID030675 Rev 2
If the FIFOs are disabled (have a depth of one location) and there is no data present
in the transmitter single location. It is cleared by performing a single write to the
transmit FIFO, or by clearing the interrupt by software.
The transmit FIFO service interrupt is based on a transition through a level, rather
than on the level itself. When the interrupt and the UART are enabled before any
data is written to the transmit FIFO, the interrupt is not set. The interrupt is only
set once written data leaves the single location of the transmit FIFO and it
becomes empty.
When the TX FIFO is disabled, the DATA can be written on the bottom of the
FIFO during the transmission of a previous DATA, or in another words, when the
holding register is busy.
The interrupt is de-asserted when we write the next DATA on the bottom of the TX
FIFO. If we write DATA only on the holding register and the bottom of the TX
FIFO is empty, the only way to clear the interrupt is by the software.
3.9.2.10
Timeout interrupt
The receive timeout interrupt is asserted when the receive FIFO is not empty, and no
further data is received (or no correct start bit of a frame is detected in the RX line) over a
programmable timeout period. This mechanism ensures that the user is aware that data is
still present in the receive FIFO and requires servicing. The receive timeout interrupt is
cleared either when the FIFO becomes empty through reading all the data (or by reading
the holding register), or when a 1b is written to the corresponding bit of the UART_ICR
register.
3.9.2.11
Error interrupt
The error interrupt is asserted when an error occurs in the reception of data by the UART.
The interrupt can be caused by the following error conditions:
Framing
Parity
Break
Overrun.
The cause of the interrupt is available by reading the UART_RIS or UART_MIS registers.
The interrupt can be cleared by writing to the relevant bits of the UART_ICR register.
3.9.3
UART registers
UART peripheral base address (UART_BASE_ADDR) 0x40300000.
Table 77: UART registers
Address
offset
Name
RW
Reset
Description
0x00
DR
RW
0x00000000
Data Register. Refer to the detailed description
below.
0x04
RSR
R
0x00000000
Receive Status Register. Refer to the detailed
description below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com