Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 79 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 79 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 75Page - STMicroelectronics BLUENRG-2 Datasheet HTML 76Page - STMicroelectronics BLUENRG-2 Datasheet HTML 77Page - STMicroelectronics BLUENRG-2 Datasheet HTML 78Page - STMicroelectronics BLUENRG-2 Datasheet HTML 79Page - STMicroelectronics BLUENRG-2 Datasheet HTML 80Page - STMicroelectronics BLUENRG-2 Datasheet HTML 81Page - STMicroelectronics BLUENRG-2 Datasheet HTML 82Page - STMicroelectronics BLUENRG-2 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
79/190
Bit
Field name
Reset
RW
Description
3
OE
0x0
R
Overrun error. This bit is set to 1 if data is received and the
receive FIFO is already full. This is cleared to 0 by a write to
ECR (data value is not important). The FIFO contents remain
valid since no further data is written when the FIFO is full, only
the content of the shift register are overwritten. The CPU or
DMA must now read the data in order to empty the FIFO.
31:4
RESERVED
0x0
R
RESERVED
Table 80: UART - TIMEOUT register description: address offset UART_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
21:0
PERIOD
0x1FF
RW
Timeout period configuration. This bit field contains the
timeout period for the UART timeout interrupt assertion. The
receive timeout interrupt is asserted when the receive FIFO is
not empty and no further data is received over a programmed
timeout period. The duration before the timeout interrupt will
assert is calculated by the following formula:
timeout = PERIOD / (OverSamplingFactor * BaudRate) Where
OverSamplingFactor is:
16 if OVSFACT is 0
8 if OVSFACT is 1.
31:22
RESERVED
0x0
R
RESERVED
Table 81: UART - FR register description: address offset UART_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
0
CTS
0x0
R
Clear to send.
2:1
RESERVED
0x0
R
RESERVED
3
BUSY
0x0
R
UART Busy. If this bit is set to 1, the UART is busy
transmitting data. This bit remains set until the complete byte,
including all the stop bits, has been sent from the shift register.
However, if the transmit section of the UART is disabled in the
middle of a transmission, the BUSY bit gets cleared. This bit is
set again once the transmit section is re-enabled to complete
the remaining transmission.This bit is set as soon as the
transmit FIFO becomes nonempty (regardless of whether the
UART is enabled or not).
4
RXFE
0x1
R
Receive FIFO empty. If the FIFO is disabled (bit FEN = 0b),
this bit is set when the receive holding register is empty. If the
FIFO is enabled (FEN = 1b), the RXFE bit is set when the
receive FIFO is empty.
5
TXFF
0x0
R
Transmit FIFO full. If the FIFO is disabled (bit FEN = 0b), this
bit is set when the transmit holding register is full. If the FIFO
is enabled (FEN = 1b), the TXFF bit is set when the transmit
FIFO is full.
6
RXFF
0x0
R
Receive FIFO full. If the FIFO is disabled (bit FEN = 0b), this
bit is set when the receive holding register is full. If the FIFO is
enabled (FEN = 1b), the RXFF bit is set when the receive
FIFO is full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com