Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 72 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 68Page - STMicroelectronics BLUENRG-2 Datasheet HTML 69Page - STMicroelectronics BLUENRG-2 Datasheet HTML 70Page - STMicroelectronics BLUENRG-2 Datasheet HTML 71Page - STMicroelectronics BLUENRG-2 Datasheet HTML 72Page - STMicroelectronics BLUENRG-2 Datasheet HTML 73Page - STMicroelectronics BLUENRG-2 Datasheet HTML 74Page - STMicroelectronics BLUENRG-2 Datasheet HTML 75Page - STMicroelectronics BLUENRG-2 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 190 page
background image
Functional details
BlueNRG-2
72/190
DocID030675 Rev 2
Required bit rate
(bps)
Programmed divisor
Generated bit rate
(bps)
Error
(%)
Integer
(DIVINT)
Fraction
(DIVFRAC)
2 400
833 (16’h0341)
21 (6’h15)
2 400
0
1 200
1666 (16’h0682)
43 (6’h2B)
1 199
-0.083
300
6666
(16’h1A0A)
43
(6’h2B)
299
-0.333
110
18181
(16’h4705)
52 (6’h34)
110
0
3.9.2.3
Hardware flow control
The hardware flow controls feature is fully selectable through RTSEN and CTSEN in
UARTCR register, and allows to control the serial data flow by using the UART_RTS output
and UART_CTS input signals.
Figure 14: Hardware flow control between two similar devices
When the RTS flow control is enabled, the UART_RTS signal is asserted until the receive
FIFO is filled up to the programmed watermark level. When the CTS flow control is
enabled, the transmitter can only transmit data when the UART_CTS signal is asserted.
Table 74: Control bits to enable and disable hardware flow control
CTSEN
RTSEN
Function
0b
0b
Both RTS and CTS flow control disabled.
0b
1b
Only RTS flow control enabled.
1b
0b
Only CTS flow control enabled.
1b
1b
Both RTS and CTS flow control enabled.
The RTS flow control logic is linked to the programmable receive FIFO watermark levels.
When RTS flow control is enabled, the UART_RTS is asserted until the receive FIFO is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com