Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 98 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 94Page - STMicroelectronics BLUENRG-2 Datasheet HTML 95Page - STMicroelectronics BLUENRG-2 Datasheet HTML 96Page - STMicroelectronics BLUENRG-2 Datasheet HTML 97Page - STMicroelectronics BLUENRG-2 Datasheet HTML 98Page - STMicroelectronics BLUENRG-2 Datasheet HTML 99Page - STMicroelectronics BLUENRG-2 Datasheet HTML 100Page - STMicroelectronics BLUENRG-2 Datasheet HTML 101Page - STMicroelectronics BLUENRG-2 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 190 page
background image
Functional details
BlueNRG-2
98/190
DocID030675 Rev 2
Table 104: I2C - RFR register description: address offset I2CX_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
7:0
RDATA
0x0
R
Receive data. RDATA contains the received payload, related to
a master read or write-to-slave operation, to be read from the
Rx FIFO. The RDATA(0) is the first LSB bit received over the
I2C line. In case the FIFO is full, the I2C controller stretches
automatically the I2C clock line until a new entry is available.
For a write-to-slave operation, when the slave is addressed, the
interrupt I2C_RISR:WTSR bit is asserted for notification to the
CPU. In CPU mode the FIFO management shall be based on
the assertion of the interrupt bit I2C_RISR:RXFNF, related to
the nearly-full threshold.
In DMA mode, the single requests are automatically executed
based on the number of entries contained in the Rx FIFO.
31:8
RESERVED
0x0
R
RESERVED
Table 105: I2C - TFTR register description: address offset I2CX_BASE_ADDR+0x1C
Bit
Field name
Reset
RW
Description
9:0
THRESH_TX
0x0
RW
Threshold TX, contains the threshold value, in terms of
number of bytes, of the Tx FIFO.
When the number of entries of the Tx FIFO is less or equal
than the threshold value, the interrupt bit I2C_RISR:TXFNE is
set in order to request the loading of data to the application.
31:10
RESERVED
0x0
R
RESERVED
Table 106: I2C - RFTR register description: address offset I2CX_BASE_ADDR+0x20
Bit
Field name
Reset
RW
Description
9:0
THRESH_RX
0x0
RW
Threshold RX, contains the threshold value, in terms of
number of bytes, of the Rx FIFO.
When the number of entries of the RX FIFO is greater than
or equal to the threshold value, the interrupt bit RISR:RXFNF
is set in order to request the download of received data to the
application. The application shall download the received data
based on the threshold. (RISR:RXFNF).
31:10
RESERVED
0x0
R
RESERVED
Table 107: I2C - DMAR register description: address offset I2CX_BASE_ADDR+0x24
Bit
Field name
Reset
RW
Description
7:0
RESERVED
0x0
R
RESERVED
10:8
DBSIZE_TX
0x0
RW
Destination burst size. This register field is valid only if the
BURST_TX bit is set to '1'. If burst size is smaller than the
transaction length, only single request are generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com