Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 102 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 98Page - STMicroelectronics BLUENRG-2 Datasheet HTML 99Page - STMicroelectronics BLUENRG-2 Datasheet HTML 100Page - STMicroelectronics BLUENRG-2 Datasheet HTML 101Page - STMicroelectronics BLUENRG-2 Datasheet HTML 102Page - STMicroelectronics BLUENRG-2 Datasheet HTML 103Page - STMicroelectronics BLUENRG-2 Datasheet HTML 104Page - STMicroelectronics BLUENRG-2 Datasheet HTML 105Page - STMicroelectronics BLUENRG-2 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 190 page
background image
Functional details
BlueNRG-2
102/190
DocID030675 Rev 2
Bit
Field name
Reset
RW
Description
16
RFSR
0x0
R
Read-from-slave request. RFSR is set when a read-from-slave
"Slavetransmitter" request is received (I²C slave is addressed)
from the I²C line. On the assertion of this interrupt the TX FIFO
is flushed (pending data are cleared) and the CPU shall put
the data in TX FIFO. This bit is self-cleared by writing data in
FIFO. In case the FIFO is empty before the completion of the
read operation, the RISR:RFSE interrupt bit is set.This
interrupt is cleared by setting the related bit of the ICR
register.
0: Read-from-slave request has been served.
1: Read-from-slave request is pending.
17
RFSE
0x0
R
Read-from-slave empty. RFSE is set when a read-from-slave
operation is in progress and TX FIFO is empty. On the
assertion of this interrupt, the CPU shall download in TX FIFO
the data required for the slave operation. This bit is self-
cleared by writing in TX FIFO. At the end of the read-from-
slave operation this bit is cleared although the TX FIFO is
empty.
0: TX FIFO is not empty.
1: TX FIFO is empty with the read-from-slave operation in
progress.
18
WTSR
0x0
R
Write-to-slave request. WTSR is set when a write-to-slave
operation is received (I2C slave is addressed) from the I2C
line. This notification can be used by the application to
program the DMA descriptor when required. This interrupt is
cleared by setting the related bit of the ICR register:
0: No write-to-slave request pending.
1: Write-to-slave request is pending.
19
MTD
0x0
R
Master transaction done. MTD is set when a master operation
(master write or master read) has been executed after a stop
condition. The application shall read the related transaction
status (SR register), the pending data in the RX FIFO (only for
a master read operation) and clear this interrupt (transaction
acknowledgment). A subsequent master operation can be
issued (writing the MCR register) after the clearing of this
interrupt. A subsequent slave operation will be notified
(RISR:WTSR and RISR:RFSR interrupt bits assertion) after
clearing this interrupt, meanwhile the I²C clock line will be
stretched low. This interrupt is cleared by setting the related
bit of the ICR register.
0: Master transaction acknowledged.
1: Master transaction done (ready for acknowledgment).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com