Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 103 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 103 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 99Page - STMicroelectronics BLUENRG-2 Datasheet HTML 100Page - STMicroelectronics BLUENRG-2 Datasheet HTML 101Page - STMicroelectronics BLUENRG-2 Datasheet HTML 102Page - STMicroelectronics BLUENRG-2 Datasheet HTML 103Page - STMicroelectronics BLUENRG-2 Datasheet HTML 104Page - STMicroelectronics BLUENRG-2 Datasheet HTML 105Page - STMicroelectronics BLUENRG-2 Datasheet HTML 106Page - STMicroelectronics BLUENRG-2 Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
103/190
Bit
Field name
Reset
RW
Description
20
STD
0x0
R
Slave transaction done. STD is set when a slave operation
(write-to-slave or read-from-slave) has been executed. The
application shall read the related transaction status (SR
register), the pending data in the RX FIFO (only for a write-to-
slave operation) and clear this interrupt (transaction
acknowledgment). A subsequent slave operation will be
notified (RISR:WTSR and RISR:RFSR interrupt bits assertion)
after clearing this interrupt, meanwhile the I2C clock line will
be stretched low. A subsequent master operation can be
issued (by writing the MCR register) after clearing this
interrupt. This interrupt is cleared by setting the related bit of
the ICR register:
0: Slave transaction acknowledged.
1: Slave transaction done (ready for acknowledgment).
23:21
RESERVED
0x0
R
RESERVED
24
MAL
0x0
R
Master arbitration lost. MAL is set when the master loses the
arbitration. The status code word in the SR contains a specific
error tag (CAUSE field) for this error condition. A collision
occurs when 2 stations transmit simultaneously 2 opposite
values on the serial line. The station that is pulling up the line,
identifies the collision reading a 0 value on the sda_in signal,
stops the transmission, leaves the bus and waits for the idle
state (STOP condition received) on the bus line before retrying
the same transaction. The station which transmits the first
unique zero wins the bus arbitration. This interrupt is cleared
by setting the related bit of the ICR register.
0: No master arbitration lost.
1: Master arbitration lost.
25
BERR
0x0
R
Bus Error. BERR is set when an unexpected Start/Stop
condition occurs during a transaction. The related actions are
different, depending on the type of operation in progress.The
status code word in the SR contains a specific error tag
(CAUSE field) for this error condition. This interrupt is cleared
by setting the related bit of the ICR register.
0: No bus error detection.
1: Bus error detection.
27:26
RESERVED
0x0
R
RESERVED
28
MTDWS
0x0
R
Master transaction done without stop. MTDWS is set when a
master operation (write or read) has been executed and a stop
(MCR:P field) is not programmed. The application shall read
the related transaction status (SR register), the pending data
in the RX FIFO (only for a master read operation) and clear
this interrupt (transaction acknowledgment). A subsequent
master operation can be issued (by writing the MCR register)
after clearing this interrupt. A subsequent slave operation will
be notified (RISR:WTSR and RISR:RFSR interrupt bits
assertion) after clearing this interrupt, meanwhile the I²C clock
line will be stretched low. This interrupt is cleared by setting
the related bit of the ICR register:
0: Master transaction acknowledged.
1: Master transaction done (ready for acknowledgment) and
stop is not applied into the I²C bus.
31:29
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com