Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 105 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 101Page - STMicroelectronics BLUENRG-2 Datasheet HTML 102Page - STMicroelectronics BLUENRG-2 Datasheet HTML 103Page - STMicroelectronics BLUENRG-2 Datasheet HTML 104Page - STMicroelectronics BLUENRG-2 Datasheet HTML 105Page - STMicroelectronics BLUENRG-2 Datasheet HTML 106Page - STMicroelectronics BLUENRG-2 Datasheet HTML 107Page - STMicroelectronics BLUENRG-2 Datasheet HTML 108Page - STMicroelectronics BLUENRG-2 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
105/190
Bit
Field name
Reset
RW
Description
23:21
RESERVED
0x0
R
RESERVED
24
MALMIS
0x0
R
Master arbitration lost masked interrupt status.
0: No master arbitration lost.
1: Master arbitration lost.
25
BERRMIS
0x0
R
Bus error masked interrupt status.
0: No bus error detection.
1: Bus error detection.
27:26
RESERVED
0x0
R
RESERVED
28
MTDWSMIS
0x0
R
Master transaction done without stop masked interrupt status.
0: Master transaction acknowledged.
1: Master transaction done (ready for acknowledgment) and
stop is not applied into the I²C bus.
31:29
RESERVED
0x0
R
RESERVED
Table 112: I2C - ICR register description: address offset I2CX_BASE_ADDR+0x38
Bit
Field name
Reset
RW
Description
2:0
RESERVED
0x0
R
RESERVED
3
TXFOVRIC
0x0
RW
Tx FIFO overrun interrupt clear.
0: Has no effect.
1: Clears interrupt pending.
15:4
RESERVED
0x0
R
RESERVED
16
RFSRIC
0x0
RW
Read-from-Slave request interrupt clear.
0: Has no effect.
1: Clears interrupt pending.
17
RFSEIC
0x0
RW
Read-from-Slave empty interrupt clear.
0: Has no effect.
1: Clears interrupt pending.
18
WTSRIC
0x0
RW
Write-to-Slave request interrupt clear.
0: Has no effect.
1: Clears interrupt pending.
19
MTDIC
0x0
RW
Master Transaction done interrupt clear.
0: Has no effect.
1: Clears interrupt pending.
20
STDIC
0x0
RW
Slave transaction done interrupt clear.
0: Has no effect.
1: Clears interrupt pending.
23:21
RESERVED
0x0
R
RESERVED
24
MALIC
0x0
RW
Master arbitration lost interrupt clear.
0: Has no effect.
1: Clears interrupt pending.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com