Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 104 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 100Page - STMicroelectronics BLUENRG-2 Datasheet HTML 101Page - STMicroelectronics BLUENRG-2 Datasheet HTML 102Page - STMicroelectronics BLUENRG-2 Datasheet HTML 103Page - STMicroelectronics BLUENRG-2 Datasheet HTML 104Page - STMicroelectronics BLUENRG-2 Datasheet HTML 105Page - STMicroelectronics BLUENRG-2 Datasheet HTML 106Page - STMicroelectronics BLUENRG-2 Datasheet HTML 107Page - STMicroelectronics BLUENRG-2 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 190 page
background image
Functional details
BlueNRG-2
104/190
DocID030675 Rev 2
Table 111: I2C - MISR register description: address offset I2CX_BASE_ADDR+0x34
Bit
Field name
Reset
RW
Description
0
TXFEMIS
0x0
R
TX FIFO empty masked interrupt status.
0: TX FIFO is not empty.
1: TX FIFO is empty.
1
TXFNEMIS
0x0
R
TX FIFO nearly empty masked interrupt status.
0: Number of entries in TX FIFO greater than the
TFTR:THRESHOLD_TX register.
1: Number of entries in TX FIFO less than or equal to the
TFTR:THRESHOLD_TX register.
2
TXFFMIS
0x0
R
Tx FIFO full masked interrupt status.
0: TX FIFO is not full.
1: TX FIFO is full.
3
TXFOVRMIS
0x0
R
Tx FIFO overrun masked interrupt status.
0: No overrun condition occurred in TX FIFO.
1: Overrun condition occurred in TX FIFO.
4
RXFEMIS
0x0
R
RX FIFO empty masked interrupt status.
0: RX FIFO is not empty.
1: RX FIFO is empty.
5
RXFNFMIS
0x0
R
RX FIFO nearly full masked interrupt status.
0: Number of entries in the RX FIFO less than the
RFTR:THRESHOLD_RX register.
1: Number of entries in the RX FIFO greater than or equal to
the RFTR:THRESHOLD_RX register.
6
RXFFMIS
0x0
R
RX FIFO full masked interrupt status.
0: RX FIFO is not full.
1: RX FIFO is full.
15:7
RESERVED
0x0
R
RESERVED
16
RFSRMIS
0x0
R
Read-from-slave request masked interrupt status.
0: Read-from-slave request has been served.
1: Read-from-slave request is pending.
17
RFSEMIS
0x0
R
Read-from-slave empty masked interrupt status.
0: TX FIFO is not empty.
1: TX FIFO is empty with the read-from-slave operation in
progress.
18
WTSRMIS
0x0
R
Write-to-slave request masked interrupt status.
0: No write-to-slave request pending.
1: Write-to-slave request is pending.
19
MTDMIS
0x0
R
Master transaction done masked interrupt status.
0: Master transaction acknowledged.
1: Master transaction done (ready for acknowledgment).
20
STDMIS
0x0
R
Slave transaction done masked interrupt status.
0: Slave transaction acknowledged.
1: Slave transaction done (ready for acknowledgment).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com