Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 108 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 108 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 104Page - STMicroelectronics BLUENRG-2 Datasheet HTML 105Page - STMicroelectronics BLUENRG-2 Datasheet HTML 106Page - STMicroelectronics BLUENRG-2 Datasheet HTML 107Page - STMicroelectronics BLUENRG-2 Datasheet HTML 108Page - STMicroelectronics BLUENRG-2 Datasheet HTML 109Page - STMicroelectronics BLUENRG-2 Datasheet HTML 110Page - STMicroelectronics BLUENRG-2 Datasheet HTML 111Page - STMicroelectronics BLUENRG-2 Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 190 page
background image
Functional details
BlueNRG-2
108/190
DocID030675 Rev 2
1.
Full Flash contains a fixed 32-bit pattern: indicate the expected pattern (value to be
compared with each read value inside Flash) in the DATA register and check the
READOK flag in the Interrupt register once the command is completed.
2.
Request a MASSREAD command without specifying any expected read value and
check the LFSRVAL register once the command is completed. This LFSRVAL register
contains a signature of the memory read, built according to the following polynomial:
x32 + x31 + x4 + x3 + x1 + 1 (seed value = 0xFFFF_FFFF).
MASSREAD sequence:
1.
Write in the DATA register the expected value (if MASSREAD is used in combination
with the READOK flag).
2.
Write the MASSREAD command (0x55) in the COMMAND register.
3.
Wait for the CMDSTART flag in the IRQSTAT register (polling mode or interrupt
mode) indicating that the command has been taken into account and is under
execution.
4.
Clear the CMDSTART flag by writing CMDSTART to ‘1’ in the IRQSTAT register.
5.
Wait for the CMDDONE flag in the IRQSTAT register (polling mode or interrupt mode)
indicating that the command is completed.
6.
Check the READOK flag (expected high) in the IRQSTAT register or the LFSRVAL
register value to ensure Flash memory content is the expected result.
7.
Clear the CMDDONE flag by writing CMDDONE to ‘1’ in the IRQSTAT register.
3.11.2.2
Erasing Flash
The Flash controller allows erasing one page or the full main Flash.
ERASE sequence (erase one page):
1.
Write the page address to be erased by writing in the ADDRESS register the following
value:
a.
ADDRESS[15:9] = XADR[9:3] = page address to erase
b.
ADDRESS[8:0] = 9’b0 (row and word addresses at zero).
2.
Write the ERASE command (0x11) in the COMMAND register.
3.
Wait for the CMDSTART flag in the IRQSTAT register (polling mode or interrupt
mode) indicating command is taken into account and under execution.
4.
Clear the CMDSTART flag by writing CMDSTART to ‘1’ in the IRQSTAT register.
5.
Wait for the CMDDONE flag in the IRQSTAT register (polling mode or interrupt mode)
indicating that the command is completed.
6.
Clear the CMDDONE flag by writing CMDDONE to ‘1’ in the IRQSTAT register.
After this command, the erased page will contain only bits set to ‘1’.
MASSERASE sequence (erase completely main flash):
1.
Write the MASSERASE command (0x22) in the COMMAND register.
2.
Wait for the CMDSTART flag in the IRQSTAT register (polling mode or interrupt
mode) indicating that the command has been taken into account and is under
execution.
3.
Clear the CMDSTART flag by writing CMDSTART to ‘1’ in the IRQSTAT register.
4.
Wait for the CMDDONE flag in the IRQSTAT register (polling mode or interrupt mode)
indicating that the command is completed.
5.
Clear the CMDDONE flag by writing CMD
DONE to ‘1’ in the IRQSTAT register.
After this command, the full main Flash will contain only bits set to ‘1’.
3.11.2.3
Write function examples
The Flash Controller allows writing one word (WRITE), up to 4 words (BURSTWRITE) or
the full main Flash memory (with a single fixed word).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com