Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 111 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 107Page - STMicroelectronics BLUENRG-2 Datasheet HTML 108Page - STMicroelectronics BLUENRG-2 Datasheet HTML 109Page - STMicroelectronics BLUENRG-2 Datasheet HTML 110Page - STMicroelectronics BLUENRG-2 Datasheet HTML 111Page - STMicroelectronics BLUENRG-2 Datasheet HTML 112Page - STMicroelectronics BLUENRG-2 Datasheet HTML 113Page - STMicroelectronics BLUENRG-2 Datasheet HTML 114Page - STMicroelectronics BLUENRG-2 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
111/190
Address
offset
Name
RW
Reset
Description
0x10
IRQRAW
RW
0x00000000
Status interrupts (unmasked). Refer to the
detailed description below.
0x14
SIZE
R
0x00000000
Indicates the last usable address of the main
Flash
0x18
ADDRESS
RW
0x00000000
Address for programming Flash, will auto-
increment
0x24
LFSRVAL
R
0xFFFFFFFF
LFSR register needed for check after MASS
READ command
0x28
TIMETRIM1
RW
0x0B061515
Trimming values for Flash erase/modify
sequences
0x2C
TIMETRIM2
RW
0x0B156506
Trimming values for Flash erase/modify
sequences
0x30
TIMETRIM3
RW
0x00000011
Trimming values for Flash wake-up sequence
0x40
DATA0
RW
0xFFFFFFFF
Program cycle data
0x44
DATA1
RW
0xFFFFFFFF
Program cycle data
0x48
DATA2
RW
0xFFFFFFFF
Program cycle data
0x4C
DATA3
RW
0xFFFFFFFF
Program cycle data
Table 119: FLASH
– COMMAND register description: address offset
FLASH_BASE_ADDR+0x00
Bit
Field name
Reset
RW
Description
31:0
COMMAND
0x00000000
RW
Command for the module.
Table 120: FLASH
– CONFIG register description: address offset FLASH_BASE_ADDR+0x04
Bit
Field name
Reset
RW
Description
31:0
CONFIG
0x00000000
RW
Configure the wrapper.
Table 121: FLASH - IRQSTAT register description: address offset FLASH_BASE_ADDR+0x08
Bit
Field name
Reset
RW
Description
0
CMDDONE
0x0
RW
Command is done. 1: clear the interrupt pending bit.
1
CMDSTART
0x0
RW
Command is started.1: clear the interrupt pending bit.
2
CMDERR
0x0
RW
Command written while BUSY. 1: clear the interrupt pending
bit.
3
ILLCMD
0x0
RW
Illegal command written. 1: clear the interrupt pending bit.
4
READOK
0x0
RW
Mass read was OK. 1: clear the interrupt pending bit.
5
FLNREADY
0x0
RW
Flash not ready (sleep). 1: clear the interrupt pending bit.
31:6
RESERVED
0x0
R
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com