Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 114 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 110Page - STMicroelectronics BLUENRG-2 Datasheet HTML 111Page - STMicroelectronics BLUENRG-2 Datasheet HTML 112Page - STMicroelectronics BLUENRG-2 Datasheet HTML 113Page - STMicroelectronics BLUENRG-2 Datasheet HTML 114Page - STMicroelectronics BLUENRG-2 Datasheet HTML 115Page - STMicroelectronics BLUENRG-2 Datasheet HTML 116Page - STMicroelectronics BLUENRG-2 Datasheet HTML 117Page - STMicroelectronics BLUENRG-2 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 190 page
background image
Functional details
BlueNRG-2
114/190
DocID030675 Rev 2
3.12.2
Functional description
The table below shows the GPIO configuration table where each IO pin is associated with
related functions.
Table 134: IO functional map
Pin
name(1)
GPIO mode
"000"
Mode serial1 '001"
Mode serial0 ‘100’
Mode serial2 '101'
Type
Signal
Type
Signal
Type
Signal
Type
Signal
IO0
I/O
GPIO 0
I
UART_CTS
I/O
SPI_CLK
-
CPUCLK
IO1
I/O
GPIO 1
O
UART_RTS
I/O
SPI_CS1
I
PDM_DATA
IO2
I/O
GPIO 2
O
PWM0
O
SPI_OUT
O
PDM_CLK
IO3
I/O
GPIO 3
O
PWM1
I
SPI_IN
O
-
IO4
I/O
GPIO 4
I
UART_RXD
I/O
I2C2_CLK
O
PWM0
IO5
I/O
GPIO 5
O
UART_TXD
I/O
I2C2_DAT
O
PWM1
IO6
I/O
GPIO 6
O
UART_RTS
I/O
I2C2_CLK
I
PDM_DATA
IO7
I/O
GPIO 7
I
UART_CTS
I/O
I2C2_DAT
O
PDM_CLK
IO8
I/O
GPIO 8
O
UART_TXD
I/O
SPI_CLK
I
PDM_DATA
IO9
I/O
GPIO 9
I
SWCLK
I
SPI_IN
-
XO16/32M
IO10
I/O
GPIO 10
I
SWDIO
O
SPI_OUT
-
CLK_32K
IO11
I/O
GPIO 11
I
UART_RXD
I/O
SPI_CS1
-
CLK_32K
IO12
OD
GPI 12(2)
I
-
I/O
I2C1_CLK
-
-
IO13
OD
GPI 13(2)
I
UART_CTS
I/O
I2C1_DAT
-
-
IO14
I/O
GPIO 14
I/O
I2C1_CLK
I/O
SPI_CLK
O
-
IO15
I/O
GPIO 15
I/O
2C1_DAT
I/O
SPI_CS1
-
-
IO16
I/O
GPIO 16
O
PWM0
I
SPI_IN
-
-
IO17
I/O
GPIO 17
O
PWM1
O
SPI_OUT
-
-
IO18
I/O
GPIO 18
O
SPI_CS2
O
UART_RTS
-
-
IO19
I/O
GPIO 19
O
SPI_CS3
I
UART_CTS
-
-
IO20
I/O
GPIO 20
I
UART_CTS
O
SPI_CS2
-
-
IO21
I/O
GPIO 21
O
PWM1
I/O
SPI_CS1
-
-
IO22
I/O
GPIO 22
O
PWM0
O
SPI_CS3
-
-
IO23
I/O
GPIO 23
O
UART_TXD
O
SPI_OUT
O
PDM_CLK
IO24
I/O
GPIO 24
I
UART_RXD
I
SPI_IN
I
PDM_DATA
IO25
I/O
GPIO 25
O
UART_RTS
I/O
SPI_CLK
O
PDM_CLK
Notes:
(1)All the I2C pins require external pull-up
(2)IO12 and IO13 can only be General Purpose Input pins (not output).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com