Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 115 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 111Page - STMicroelectronics BLUENRG-2 Datasheet HTML 112Page - STMicroelectronics BLUENRG-2 Datasheet HTML 113Page - STMicroelectronics BLUENRG-2 Datasheet HTML 114Page - STMicroelectronics BLUENRG-2 Datasheet HTML 115Page - STMicroelectronics BLUENRG-2 Datasheet HTML 116Page - STMicroelectronics BLUENRG-2 Datasheet HTML 117Page - STMicroelectronics BLUENRG-2 Datasheet HTML 118Page - STMicroelectronics BLUENRG-2 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
115/190
3.12.2.1
GPIO interrupts
Each IO in GPIO mode can be used as interrupt source from external signal. The trigger
event is both edge and level sensitive according to configuration. All the configuration are
reported in table below.
Table 135: GPIO interrupt modes
Configuration
Interrupt mode
Falling edge
Rising edge
Both edges
Low level
High level
IOIS
0
0
0
1
1
IOIBE
0
0
1
NA
NA
IOIEV
0
1
NA
0
1
The interrupt is enabled by writing 1 in the IO_MIS register, in the position with same
number of the IO desired. Once the interrupt occurs, it can be cleared by writing 1 in the
IO_IC register. All the interrupts drive a single interrupt signal of the NVIC.
3.12.2.2
GPIO characteristics
By default all the GPIO pins are configured as input with related pull-up or pull-down
resistor enabled according to table below.
Table 136: Pin characteristics
Name
Type
Buffer strength(1)
Pull-up / pull-down
availability
Reset state
Default state
IO0
I/O
High / Very High
drive
Pull-down
Input pull-
down
GPIO mode
IO1
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO2
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO3
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO4
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO5
I/O
High / Very High
drive
Pull-down
Input pull-
down
GPIO mode
IO6
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO7
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO8
I/O
Low / High drive
Pull-down
Input pull-
down
GPIO mode
IO9
I/O
High / Very High
drive
Pull- up
Input pull-up
Mode serial1
(SWCLK)
IO10
I/O
Low / High drive
Pull- up
Input pull-up
Mode serial1
(SWDIO)
IO11
I/O
Low / High drive
Pull-up
Input pull-up
GPIO mode
IO12
I
10 mA
No pull
Input
GPIO mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com