Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 112 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 108Page - STMicroelectronics BLUENRG-2 Datasheet HTML 109Page - STMicroelectronics BLUENRG-2 Datasheet HTML 110Page - STMicroelectronics BLUENRG-2 Datasheet HTML 111Page - STMicroelectronics BLUENRG-2 Datasheet HTML 112Page - STMicroelectronics BLUENRG-2 Datasheet HTML 113Page - STMicroelectronics BLUENRG-2 Datasheet HTML 114Page - STMicroelectronics BLUENRG-2 Datasheet HTML 115Page - STMicroelectronics BLUENRG-2 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 190 page
background image
Functional details
BlueNRG-2
112/190
DocID030675 Rev 2
Table 122: FLASH - IRQMASK register description: address offset FLASH_BASE_ADDR+0x0C
Bit
Field name
Reset
RW
Description
0
CMDDONE
0x1
RW
Command is done.
1
CMDSTART
0x1
RW
Command is started.
2
CMDERR
0x1
RW
Command written while BUSY
3
ILLCMD
0x1
RW
Illegal command written
4
READOK
0x1
RW
Mass read was OK.
5
FLNREADY
0x1
RW
Flash not ready (sleep).
31:6
RESERVED
0x0
R
RESERVED
Table 123: FLASH - IRQRAW register description: address offset FLASH_BASE_ADDR+0x10
Bit
Field name
Reset
RW
Description
0
CMDDONE
0x0
RW
Command is done.
1
CMDSTART
0x0
RW
Command is started.
2
CMDERR
0x0
RW
Command written while BUSY
3
ILLCMD
0x0
RW
Illegal command written
4
READOK
0x0
RW
Mass read was OK.
5
FLNREADY
0x0
RW
Flash not ready (sleep).
31:6
RESERVED
0x0
R
RESERVED
Table 124: FLASH
– SIZE register description: address offset FLASH_BASE_ADDR+0x14
Bit
Field name
Reset
RW
Description
31:0
SIZE
0x00000000
R
Indicates the last usable address of the flash.
Table 125: FLASH
– ADDRESS register description: address offset FLASH_BASE_ADDR+0x18
Bit
Field name
Reset
RW
Description
31:0
ADDRESS
0x00000000
RW
Address for programming flash, will auto-increment.
Table 126: FLASH
– LFSRVAL register description: address offset FLASH_BASE_ADDR+0x24
Bit
Field
name
Reset
RW
Description
31:0
LFSRVAL
0xFFFFFFFF
R
LFSR register needed for check after MASSREAD
command.
Table 127: FLASH
– TIMETRIM1 register description: address offset
FLASH_BASE_ADDR+0x28
Bit
Field name
Reset
RW
Description
31:0
TIMETRIM1
0x0B061515
RW
Trimming values for flash erase/modify sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com