Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 113 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 109Page - STMicroelectronics BLUENRG-2 Datasheet HTML 110Page - STMicroelectronics BLUENRG-2 Datasheet HTML 111Page - STMicroelectronics BLUENRG-2 Datasheet HTML 112Page - STMicroelectronics BLUENRG-2 Datasheet HTML 113Page - STMicroelectronics BLUENRG-2 Datasheet HTML 114Page - STMicroelectronics BLUENRG-2 Datasheet HTML 115Page - STMicroelectronics BLUENRG-2 Datasheet HTML 116Page - STMicroelectronics BLUENRG-2 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
113/190
Table 128: FLASH
– TIMETRIM2 register description: address offset
FLASH_BASE_ADDR+0x2C
Bit
Field name
Reset
RW
Description
31:0
TIMETRIM2
0x0B156506
RW
Trimming values for flash erase/modify sequences.
Table 129: FLASH
– TIMETRIM3 register description: address offset
FLASH_BASE_ADDR+0x30
Bit
Field name
Reset
RW
Description
31:0
TIMETRIM3
0x00000011
RW
Trimming values for flash wake-up sequence.
Table 130: FLASH
– DATA0 register description: address offset FLASH_BASE_ADDR+0x40
Bit
Field name
Reset
RW
Description
31:0
DATA0
0xFFFFFFFF
RW
Program cycle data.
Table 131: FLASH
– DATA1 register description: address offset FLASH_BASE_ADDR+0x44
Bit
Field name
Reset
RW
Description
31:0
DATA1
0xFFFFFFFF
RW
Program cycle data.
Table 132: FLASH
– DATA2 register description: address offset FLASH_BASE_ADDR+0x48
Bit
Field name
Reset
RW
Description
31:0
DATA2
0xFFFFFFFF
RW
Program cycle data.
Table 133: FLASH
– DATA3 register description: address offset FLASH_BASE_ADDR+0x4C
Bit
Field name
Reset
RW
Description
31:0
DATA3
0xFFFFFFFF
RW
Program cycle data.
3.12
GPIO
3.12.1
Introduction
The BlueNRG-2 offers 14 GPIOs (WCSP34 package), 15 GPIOs (QFN32 package) or 26
GPIOs (QFN48 package).
The programmable I/O pin can be configured for operating as:
Programmable GPIOs
Peripheral input or output line of standard communication interfaces
PDM processor data/clock
2 PWM sources (PWM0 and PWM1 independently configurable) and 4 PWM output
pins (IO2, IO3, IO4 and IO5).
5 wakeup sources from standby and sleep mode
Each I/O can generate an interrupt independently to the selected mode. Interrupts are
generated depending on a level or edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com