Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 23 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 19Page - STMicroelectronics BLUENRG-2 Datasheet HTML 20Page - STMicroelectronics BLUENRG-2 Datasheet HTML 21Page - STMicroelectronics BLUENRG-2 Datasheet HTML 22Page - STMicroelectronics BLUENRG-2 Datasheet HTML 23Page - STMicroelectronics BLUENRG-2 Datasheet HTML 24Page - STMicroelectronics BLUENRG-2 Datasheet HTML 25Page - STMicroelectronics BLUENRG-2 Datasheet HTML 26Page - STMicroelectronics BLUENRG-2 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 190 page
background image
BlueNRG-2
Functional details
DocID030675 Rev 2
23/190
ADC
MFT1
MFT2
RTC
WDG
PKA
By default, all the peripheral APB and AHB clocks are enabled, except for the PKA
peripheral. The following clocks are enabled/disabled automatically:
Processor clock (disabled in sleep mode)
RAM clock (disabled if processor clock, SPI clock and BLE clock are all disabled)
3.5.1
Reset management
Figure 7: "Reset and wakeup generation" shows the general principle of reset. Releasing
the Reset pin puts the chip out of shutdown state. The wakeup logic is powered and
receives the POR. Each time the wake-up controller decides to exit sleep or standby
modes, it will generate a reset for the core logic. The core logic can also be reset by:
Watchdog
Reset request from the processor (system reset)
LOCKUP state of the Cortex-M0.
The SWD logic is reset by the POR. It is important to highlight that reset pin actually power
down chip, so it is not possible to perform debug access with system under reset.
Figure 7: Reset and wakeup generation
If, for any reason, the users would like to power off the device there are two options:
1.
Force RESETN pin to ground, keeping VBAT level
2.
To put VBAT pins to ground (e.g. via a transistor)
In the second option, care must be taken to ensure that no voltage is applied to any of the
other pins since device can be powered and having an anomalous power consumption. ST
recommendation is to use RESETN whenever it is possible.
3.5.1.1
Power-on-Reset
The Power-on-Reset (POR) signal is the combination of the POR signal and the BOR
signal generated by the analog circuitry contained in the BlueNRG-2 device. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com