Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLUENRG-2 Datasheet(PDF) 34 Page - STMicroelectronics

Part # BLUENRG-2
Description  Bluetooth® low energy wireless system-on-chip
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BLUENRG-2 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button BLUENRG-2 Datasheet HTML 30Page - STMicroelectronics BLUENRG-2 Datasheet HTML 31Page - STMicroelectronics BLUENRG-2 Datasheet HTML 32Page - STMicroelectronics BLUENRG-2 Datasheet HTML 33Page - STMicroelectronics BLUENRG-2 Datasheet HTML 34Page - STMicroelectronics BLUENRG-2 Datasheet HTML 35Page - STMicroelectronics BLUENRG-2 Datasheet HTML 36Page - STMicroelectronics BLUENRG-2 Datasheet HTML 37Page - STMicroelectronics BLUENRG-2 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 190 page
background image
Functional details
BlueNRG-2
34/190
DocID030675 Rev 2
3.6.2.3
ADC conversion
The relationship between differential input voltage and ADCRAW code (first 16-bit MSB of
ADC_CONV register) depends on a limited set of parameters: the digital reference voltage
VREF, the PGA value, and a scaling factor.
Differential mode
����������������12(����������������) = ����������������1 − ����������������2 = (1 + ������������������������) ∗ (
������������������������
��������_16(�������������)
) ∗ ����������������
With:
PGASEL is the input attenuation register, values: 0, 1 or 2.
ADCRAW is the value ADC_CONV[31:16].
FS_16(OSR) is the full scale factor for ADCRAW it depends on the oversampling ratio
(OSR):
FS_16(32) = FS_16(64) = 35442
FS_16(100) = FS_16(200) = 41260
VREF represents the digital core power supply, equals to 2*VDD1V2 = 2.4.
Single ended mode
����������������1(����������������) = (1 + ������������������������) ∗ (�������������������� + (
������������������������
��������_16(������������)
) ∗ ����������������
����������������2(����������������) = (1 + ������������������������) ∗ (�������������������� − (
������������������������
��������_16(������������)
) ∗ ����������������
With:
PGASEL is the input attenuation register, values: 0, 1 or 2.
ADCRAW is the value ADC_CONV[31:16].
FS_16(OSR) is the full scale factor for ADCRAW it depends on the oversampling ratio
(OSR):
FS_16(32) = FS_16(64) = 35442
FS_16(100) = FS_16(200) = 41260
VREF represents the digital core power supply, equals to 2*VDD1V2 = 2.4.
Vbias is given by the register REFSEL, value 0.6 V or 1.2 V.
Battery level detector
��������������������(����������������) = �������������������� ∗ (�������������������� − (
������������������������
��������_16(������������)
) ∗ ����������������)
This mode enables the monitoring of the battery voltage VBATT, through an internal resistive
bridge.
With:
ADCRAW is the value ADC_CONV[31:16].
FS_16(OSR) is the full scale factor for ADCRAW it depends on the oversampling ratio
(OSR):
FS_16(32) = FS_16(64) = 35442
FS_16(100) = FS_16(200) = 41260
VREF represents the digital core power supply, equals to 2*VDD1V2 = 2.4.
Vbias is 0.6 V.
KBATT is 4.36.
Temperature sensor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com